Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NM1282KSLAXAL Datasheet(PDF) 74 Page - Nanya Technology Corporation.

Part # NM1282KSLAXAL
Description  MCP Specification
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1282KSLAXAL Datasheet(HTML) 74 Page - Nanya Technology Corporation.

Back Button NM1282KSLAXAL Datasheet HTML 70Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 71Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 72Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 73Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 74Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 75Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 76Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 77Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 78Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 120 page
background image
Version 1.3
74
Nanya Technology Corp.
06/2018
All Rights Reserved. ©
2Gb SLC NAND + 2Gb LPDDR2
NM1282KSLAXAL
NTC Proprietary
Level: Property
LPDDR2 Descriptions
LPDDR2-S4 uses the double data rate architecture on the Command/Address (CA) bus to reduce the
number of input pins in the system. The 10-bit CA bus contains command, address, and Bank/Row Buffer
information. Each command uses one clock cycle, during which command information is transferred on both
the positive and negative edge of the clock.
To achieve high-speed operation, our LPDDR2-S4 SDRAM uses the double data rate architecture and
adopt 4n-prefetch interface designed to transfer two data per clock cycle at the I/O pins. A single read or
write access for the LPDDR2-S4 effectively consists of a single 4n-bit wide, one clock cycle data transfer at
the internal SDRAM core and four corresponding n-bit wide, one-half-clock-cycle data transfer at the I/O
pins. Read and write accesses to the LPDDR2-S4 are burst oriented; accesses start at a selected location
and continue for a programmed number of locations in a programmed sequence.
For LPDDR2-S4 devices, accesses begin with the registration of an Active command, which is then followed
by a Read or Write command. The address and BA bits registered coincident with the Active command are
used to select the row and the Bank to be accessed. The address bits registered coincident with the Read or
Write command are used to select the Bank and the starting column location for the burst access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com