Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NM1282KSLAXAL Datasheet(PDF) 35 Page - Nanya Technology Corporation.

Part # NM1282KSLAXAL
Description  MCP Specification
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1282KSLAXAL Datasheet(HTML) 35 Page - Nanya Technology Corporation.

Back Button NM1282KSLAXAL Datasheet HTML 31Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 32Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 33Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 34Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 35Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 36Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 37Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 38Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 39Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 120 page
background image
Version 1.3
35
Nanya Technology Corp.
06/2018
All Rights Reserved. ©
2Gb SLC NAND + 2Gb LPDDR2
NM1282KSLAXAL
NTC Proprietary
Level: Property
For X8 :
10 Copy Page address (M + Rn) is input and if the data needs to be changed, changed data is input.
11 By issuing the 10h command, the data in the Page Buffer is programmed to Page M + Rn.
(*1) Since the last page programming by the 10h command is initiated after the previous cache program, the tPROG here will be expected
as the following,
tPROG = tPROG of the last page + tPROG of
the previous page − ( command input cycle + address input cycle + data output/input cycle
time of the last page)
NOTE) This operation needs to be executed within District-0 or District-1.
Data input is required only if previous data output needs to be altered.
If the data has to be changed, locate the desired address with the column and page address input after the 8Ch command, and
change only the data that needs be changed.
If the data does not have to be changed, data input cycles are not required.
Make sure
 is held to High level when Page Copy (2) operation is performed.
Also make sure the Page Copy operation is terminated with 8Ch-10h command sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com