Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NM1282KSLAXAL Datasheet(PDF) 13 Page - Nanya Technology Corporation.

Part # NM1282KSLAXAL
Description  MCP Specification
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1282KSLAXAL Datasheet(HTML) 13 Page - Nanya Technology Corporation.

Back Button NM1282KSLAXAL Datasheet HTML 9Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 10Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 11Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 12Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 13Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 14Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 15Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 16Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 17Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 120 page
background image
Version 1.3
13
Nanya Technology Corp.
06/2018
All Rights Reserved. ©
2Gb SLC NAND + 2Gb LPDDR2
NM1282KSLAXAL
NTC Proprietary
Level: Property
Absolute Maximum Ratings
Symbol
Rating
Value
Unit
VCC
Power Supply Voltage
-0.6 to +2.5
V
VIN
Input Voltage
-0.6 to +2.5
VI/O
Input / Output Voltage
-0.6 to Vcc + 0.3 (
≤2.5V)
PD
Power Dissipation
0.3
W
TSOLDER
Soldering Temperature (10 s)
260
oC
TSTG
Storage Temperature
-55 to +125
oC
Capacitance1
(TA=25℃, f=1.0MHz)
Symbol
Parameter
Test Condition
Min
Max
Unit
CIN
Input
VIN=0V
-
10
pF
COUT
Output
VOUT=0V
-
10
pF
NOTE 1
This parameter is periodically sampled and is not tested for every device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com