Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NM1282KSLAXAL Datasheet(PDF) 95 Page - Nanya Technology Corporation.

Part # NM1282KSLAXAL
Description  MCP Specification
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1282KSLAXAL Datasheet(HTML) 95 Page - Nanya Technology Corporation.

Back Button NM1282KSLAXAL Datasheet HTML 91Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 92Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 93Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 94Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 95Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 96Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 97Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 98Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 99Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 120 page
background image
Version 1.3
95
Nanya Technology Corp.
06/2018
All Rights Reserved. ©
2Gb SLC NAND + 2Gb LPDDR2
NM1282KSLAXAL
NTC Proprietary
Level: Property
Electrical Characteristics and Recommended AC Timing
VDD2,VDDQ,VDDCA = 1.14~1.30V; VDD1 = 1.70~1.95V
Symbol
Parameter
min/
max
min
tCK
Speed Grade
Unit
1066
ZQ calibration parameters
tZQINIT
Calibration initialization Time
min
1
us
tZQCL
Long (Full) Calibration Time
min
6
360
ns
tZQCS
Short Calibration Time
min
6
90
ns
tZQRESET
Calibration Reset Time
min
3
50
ns
Read parameters
tDQSCK
DQS output access time from CK,

min
2500
ps
max
5500
ps
tDQSCKDS
DQSCK Delta Short
max
330
ps
tDQSCKDM
DQSCK Delta Medium
max
680
ps
tDQSCKDL
DQSCK Delta Long
max
920
ps
tDQSQ
DQS-DQ skew, DQS to last DQ valid, per group,
per access
max
200
ps
tQHS
Data Hold Skew Factor
max
230
ps
tQSH
DQS output HIGH pulse width
min
tCH(abs) - 0.05
tCK(avg)
tQSL
DQS output LOW pulse width
min
tCL(abs) - 0.05
tCK(avg)
tQHP
Data half period
min
min(
tQSH, tQSL)
tCK(avg)
tQH
DQ / DQS output hold time from DQS
min
tQHP - tQHS
ps
Symbol
Parameter
min/
max
min
tCK
Speed Grade
Unit
1066
Read parameters
tRPRE
READ Preamble
min
0.9
tCK(avg)
tRPST
READ Postamble
min
tCL(abs) - 0.05
tCK(avg)
tLZ(DQS)
DQS Low-Z from CK
min
tDQSCK
min – 300
ps
tLZ(DQ)
DQ Low-Z from CK
min
tDQSCK(MIN) – (1.4 × tQHS(MAX))
ps
tHZ(DQS)
DQS High-Z from CK
max
tDQSCK
max – 100
ps
tHZ(DQ)
DQ High-Z from CK
max
tDQSCK(MAX) +
(1.4 ×
tDQSQ(MAX))
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com