Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NM1282KSLAXAL Datasheet(PDF) 93 Page - Nanya Technology Corporation.

Part # NM1282KSLAXAL
Description  MCP Specification
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1282KSLAXAL Datasheet(HTML) 93 Page - Nanya Technology Corporation.

Back Button NM1282KSLAXAL Datasheet HTML 89Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 90Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 91Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 92Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 93Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 94Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 95Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 96Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 97Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 120 page
background image
Version 1.3
93
Nanya Technology Corp.
06/2018
All Rights Reserved. ©
2Gb SLC NAND + 2Gb LPDDR2
NM1282KSLAXAL
NTC Proprietary
Level: Property
Electrical Characteristics and Recommended AC Timing
VDD2,VDDQ,VDDCA = 1.14~1.30V; VDD1 = 1.70~1.95V
Parameter
Symbol
min/
max
1066
Unit
Clock Timing
Max. Frequency
~
533
MHz
Average Clock Period
tCK(avg)
min
1.875
ns
max
100
ns
Average high pulse width
tCH(avg)
min
0.45
tCK(avg)
max
0.55
tCK(avg)
Average low pulse width
tCL(avg)
min
0.45
tCK(avg)
max
0.55
tCK(avg)
Absolute Clock Period
tCK(abs)
min
tCK(avg)min + tJIT(per),min
ps
Absolute clock HIGH pulse width
(with allowed jitter)
tCH(abs),
allowed
min
0.43
tCK(avg)
max
0.57
tCK(avg)
Absolute clock LOW pulse width
(with allowed jitter)
tCL(abs),
allowed
min
0.43
tCK(avg)
max
0.57
tCK(avg)
Parameter
Symbol
min/
max
1066
Unit
Clock Period Jitter
(with allowed jitter)
tJIT(per),
allowed
min
-90
ps
max
90
ps
Maximum Clock Jitter between
two consecutive clock cycles
(with allowed jitter)
tJIT(cc),
allowed
max
180
ps
Duty cycle Jitter
(with allowed jitter)
tJIT(duty),
allowed
min
min((tCH(abs),min - tCH(avg),min),
(tCL(abs),min - tCL(avg),min)) * tCK(avg)
ps
max
max((tCH(abs),max - tCH(avg),max),
(tCL(abs),max - tCL(avg),max)) * tCK(avg)
ps
Cumulative error across 2 cycles
tERR(2per),
min
-132
ps
allowed
max
132
ps
Cumulative error across 3 cycles
tERR(3per),
min
-157
ps
allowed
max
157
ps
Cumulative error across 4 cycles
tERR(4per),
min
-175
ps
allowed
max
175
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com