Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NM1282KSLAXAL Datasheet(PDF) 39 Page - Nanya Technology Corporation.

Part # NM1282KSLAXAL
Description  MCP Specification
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1282KSLAXAL Datasheet(HTML) 39 Page - Nanya Technology Corporation.

Back Button NM1282KSLAXAL Datasheet HTML 35Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 36Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 37Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 38Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 39Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 40Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 41Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 42Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 43Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 120 page
background image
Version 1.3
39
Nanya Technology Corp.
06/2018
All Rights Reserved. ©
2Gb SLC NAND + 2Gb LPDDR2
NM1282KSLAXAL
NTC Proprietary
Level: Property
ID Read
The device contains ID codes which can be used to identify the device type, the manufacturer, and features of
the device. The ID codes can be read out under the following timing conditions:
ID Definition Table (X8)
Description
I/O7 I/O6 I/O5 I/O4 I/O3 I/O2 I/O1 I/O0
Hex Data
1st Data
Maker Code
1
0
0
1
1
0
0
0
98H
2nd Data
Device Code
1
0
1
0
1
0
1
0
AAH
3rd Data
Chip Number, Cell Type
1
0
0
1
0
0
0
0
90H
4th Data
Page Size, Block Size, I/O Width
0
0
0
1
0
1
0
1
15H
5th Data
Plane Number
0
1
1
1
0
1
1
0
76H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com