Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NM1282KSLAXAL Datasheet(PDF) 53 Page - Nanya Technology Corporation.

Part # NM1282KSLAXAL
Description  MCP Specification
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1282KSLAXAL Datasheet(HTML) 53 Page - Nanya Technology Corporation.

Back Button NM1282KSLAXAL Datasheet HTML 49Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 50Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 51Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 52Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 53Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 54Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 55Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 56Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 57Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 120 page
background image
Version 1.3
53
Nanya Technology Corp.
06/2018
All Rights Reserved. ©
2Gb SLC NAND + 2Gb LPDDR2
NM1282KSLAXAL
NTC Proprietary
Level: Property
(17)Reliability Guidance
This reliability guidance is intended to notify some guidance related to using NAND flash with 8bit ECC for each
512 bytes. For detailed reliability data, please refer to TOSHIBA’s reliability note.
Although random bit errors may occur during use, it does not necessarily mean that a block is bad.
Generally, a block should be marked as bad when a program status failure or erase status failure is detected.
The other failure modes may be recovered by a block erase.
ECC treatment for read data is mandatory due to the following Data Retention and Read Disturb failures.
 Write/Erase Endurance
Write/Erase endurance failures may occur in a cell, page, or block, and are detected by doing a status read
after either an auto program or auto block erase operation. The cumulative bad block count will increase
along with the number of write/erase cycles.
 Data Retention
The data in memory may change after a certain amount of storage time. This is due to charge loss or charge
gain. After block erasure and reprogramming, the block may become usable again.
Here is the combined characteristics image of Write/Erase Endurance and Data Retention.
 Read Disturb
A read operation may disturb the data in memory. The data may change due to charge gain. Usually, bit
errors occur on other pages in the block, not the page being read. After a large number of read cycles
(between block erases), a tiny charge may build up and can cause a cell to be soft programmed to another
state. After block erasure and reprogramming, the block may become usable again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com