Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NM1282KSLAXAL Datasheet(PDF) 38 Page - Nanya Technology Corporation.

Part # NM1282KSLAXAL
Description  MCP Specification
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1282KSLAXAL Datasheet(HTML) 38 Page - Nanya Technology Corporation.

Back Button NM1282KSLAXAL Datasheet HTML 34Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 35Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 36Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 37Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 38Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 39Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 40Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 41Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 42Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 120 page
background image
Version 1.3
38
Nanya Technology Corp.
06/2018
All Rights Reserved. ©
2Gb SLC NAND + 2Gb LPDDR2
NM1282KSLAXAL
NTC Proprietary
Level: Property
Internal addressing in relation with the Districts
To use Multi Block Erase operation, the internal addressing should be considered in relation with the District.
• The device consists from 2 Districts.
• Each District consists from 1024 erase blocks.
• The allocation rule is follows.
District 0: Block 0, Block 2, Block 4, Block 6,···, Block 2046
District 1: Block 1, Block 3, Block 5, Block 7,···, Block 2047
Address input restriction for the Multi Block Erase
There are following restrictions in using Multi Block Erase
(Restriction)
Maximum one block should be selected from each District.
For example;
(60) [District 0] (60) [District 1] (D0)
(Acceptance)
There is no order limitation of the District for the address input.
For example, following operation is accepted;
(60) [District 1] (60) [District 0] (D0)
It requires no mutual address relation between the selected blocks from each District.
Make sure to terminate the operation with D0h command. If the operation needs to be terminated before D0h
command input, input the FFh reset command to terminate the operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com