Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NM1282KSLAXAL Datasheet(PDF) 97 Page - Nanya Technology Corporation.

Part # NM1282KSLAXAL
Description  MCP Specification
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1282KSLAXAL Datasheet(HTML) 97 Page - Nanya Technology Corporation.

Back Button NM1282KSLAXAL Datasheet HTML 93Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 94Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 95Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 96Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 97Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 98Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 99Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 100Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 101Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 120 page
background image
Version 1.3
97
Nanya Technology Corp.
06/2018
All Rights Reserved. ©
2Gb SLC NAND + 2Gb LPDDR2
NM1282KSLAXAL
NTC Proprietary
Level: Property
Symbol
Parameter
min/
max
min
tCK
Speed Grade
Unit
1066
SDRAM core parameters
tXP
Exit power-down mode to first valid command
min
2
7.5
ns
tDPD
Minimum Deep Power-Down time
min
-
500
us
tFAW
Four-Bank Activate Window
min
8
50
ns
tWTR
Internal WRITE to READ command delay
min
2
7.5
ns
tRC
ACTIVE to ACTIVE command period
min
tRAS + tRPAB (with all-bank Precharge)
tRAS + tRPPB (with per-bank Precharge)
ns
tCCD
CAS-to-CAS delay
min
2
2
tCK(avg)
tRTP
Internal READ to PRECHARGE command delay
min
2
7.5
ns
tRCD
RAS-to-CAS delay
min
3
18
ns
tRAS
Row Active Time
min
3
42
ns
max
-
70
us
tWR
Write recovery time
min
3
15
ns
tRPpb
PRECHARGE command period (single bank)
min
3
15
ns
tRPab
PRECHARGE command period
(all banks
– 8bank)
min
3
18
ns
tRRD
ACTIVE bank-a to ACTIVE bank-b command
min
2
10
ns
Symbol
Parameter
min/
max
min
tCK
Speed Grade
Unit
1066
Boot parameters (10MHz ~ 55MHz)
tCKb
Clock cycle time
min
18
ns
max
100
ns
tISCKEb
CKE input setup time
min
2.5
ns
tIHCKEb
CKE input hold time
min
2.5
ns
tISb
Input setup time
min
1150
ps
Symbol
Parameter
min/
max
min
tCK
Speed Grade
Unit
1066
Boot parameters (10MHz ~ 55MHz)
tIHb
Input hold time
min
1150
ps
tDQSCKb
Access window of DQS from CK,

min
2.0
ns
max
10.0
ns
tDQSQb
DQS-DQ skew
max
1.2
ns
tQHSb
Data hold skew factor
max
1.2
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com