Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NM1282KSLAXAL Datasheet(PDF) 101 Page - Nanya Technology Corporation.

Part # NM1282KSLAXAL
Description  MCP Specification
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1282KSLAXAL Datasheet(HTML) 101 Page - Nanya Technology Corporation.

Back Button NM1282KSLAXAL Datasheet HTML 97Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 98Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 99Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 100Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 101Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 102Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 103Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 104Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 105Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 120 page
background image
Version 1.3
101
Nanya Technology Corp.
06/2018
All Rights Reserved. ©
2Gb SLC NAND + 2Gb LPDDR2
NM1282KSLAXAL
NTC Proprietary
Level: Property
Mode Register Assignment
MR#
MA <7:0>
Function
Access
OP7
OP6
OP5
OP4
OP3
OP2
OP1
OP0
0
00H
Device Info
R
(RFU)
RZQI
(RFU)
DI
DAI
1
01H
Device Feature1
W
nWR (for AP)
WC
BT
BL
2
02H
Device Feature2
W
(RFU)
RL & WL
3
03H
I/O Config-1
W
(RFU)
DS
4
04H
Refresh Rate
R
TUF
(RFU)
Refresh Rate
5
05H
Basic Config-1
R
Manufacturer ID
6
06H
Basic Config-2
R
Revision ID1
7
07H
Basic Config-3
R
Revision ID2
8
08H
Basic Config-4
R
I/O width
Density
Type
9
09H
Test Mode
W
Specific Test Mode
10
0AH
IO Calibration
W
Calibration Code
11~15
0BH~0FH
(Reserved)
(RFU)
16
10H
PASR_BANK
W
Bank Mask (4-Bank or 8-Bank)
17
11H
PASR_Seg
W
Segment Mask
18-19
12H-13H
(Reserved)
(RFU)
20-31
18H-1FH
Reserved for NVM
32
20H
DQ calibration pattern A
R
See “Data Calibration Pattern Description”
33-39
21H-27H
(Do Not Use)
40
28H
DQ calibration pattern B
R
See “Data Calibration Pattern Description”
41-47
29H-2FH
(Do Not Use)
(DNU)
48-62
30H-3EH
(Reserved)
(RFU)
63
3FH
Reset
W
X
64-126
40H-7EH
(Reserved)
(RFU)
127
7FH
(Do Not Use)
(DNU)
128-190
80H-BEH
(Reserved)
(RFU)
191
BFH
(Do Not Use)
(DNU)
192-254
C0H-FEH
(Reserved)
(RFU)
255
FFH
(Do Not Use)
(DNU)
Notes:
1.
RFU bits shall be set to “0” during Mode Register writes. RFU bits shall be read as “0” during Mode Register reads. All Mode Registers that are
specified as RFU shall not be written. Writes to read-only registers shall have no impact on the functionality of the device.
2.
All Mode Registers from that are specified as RFU or write-only shall return undefined data when read and DQS shall be toggled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com