Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NM1282KSLAXAL Datasheet(PDF) 15 Page - Nanya Technology Corporation.

Part # NM1282KSLAXAL
Description  MCP Specification
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1282KSLAXAL Datasheet(HTML) 15 Page - Nanya Technology Corporation.

Back Button NM1282KSLAXAL Datasheet HTML 11Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 12Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 13Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 14Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 15Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 16Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 17Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 18Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 19Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 120 page
background image
Version 1.3
15
Nanya Technology Corp.
06/2018
All Rights Reserved. ©
2Gb SLC NAND + 2Gb LPDDR2
NM1282KSLAXAL
NTC Proprietary
Level: Property
AC Characteristics and Recommended Operating Conditions
(Ta= -25 to 85
℃, V
CC
=1.70 to 1.95V)
Symbol
Parameter
Min
Max
Unit
tCLS
CLE Setup Time
12
–
ns
tCLH
CLE Hold Time
5
–
ns
tCS
 Setup Time
20
–
ns
tCH
 Hold Time
5
–
ns
tWP
Write Pulse Width
12
–
ns
tALS
ALE Setup Time
12
–
ns
tALH
ALE Hold Time
5
–
ns
tDS
Data Setup Time
12
–
ns
tDH
Data Hold Time
5
–
ns
tWC
Write Cycle Time
25
–
ns
tWH
 High Hold Time
10
–
ns
AC Characteristics for Operation
Symbol
Parameter
Min
Max
Unit
tWW
 High to  Low
100
–
ns
tRR
Ready to
 Falling Edge
20
–
ns
tRW
Ready to
 Falling Edge
20
–
ns
tRP
Read Pulse Width
12
–
ns
tRC
Read Cycle Time
25
–
ns
tREA
 Access Time
–
20
ns
tCEA
 Access Time
–
25
ns
tCLR
CLE Low to
 Low
10
–
ns
tAR
ALE Low to
 Low
10
–
ns
tRHOH
 High to Output Hold Time
25
–
ns
tRLOH
 Low to Output Hold Time
5
–
ns
tRHZ
 High to Output High Impedance
–
60
ns
tCHZ
 High to Output High Impedance
–
20
ns
tCSD
 High to ALE or CLE Don’t care
0
–
ns
tREH
 High Hold Time
10
–
ns
tIR
Output-High-impedance-to-
 Falling Edge
0
–
ns
tRHW
 High to  Low
30
–
ns
tWHC
 High to  Low
30
–
ns
tWHR
 High to  Low
60
–
ns
tR
Memory Cell Array to Starting Address
–
25
μs
tDCBSYR1
Data Cache Busy in Read Cache (following 31h and 3Fh)
–
25
μs
tDCBSYR2
Data Cache Busy in Page Copy (following 3Ah)
–
30
μs
tWB
 High to Busy
–
100
ns
tRST
Device Reset Time (Ready/Read/Program/Erase)
–
5/5/10/500
μs
NOTE 1
tCLS and tALS cannot be shorter than tWP.
NOTE 2
tCS should be longer than tWP + 8ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com