Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NM1282KSLAXAL Datasheet(PDF) 14 Page - Nanya Technology Corporation.

Part # NM1282KSLAXAL
Description  MCP Specification
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1282KSLAXAL Datasheet(HTML) 14 Page - Nanya Technology Corporation.

Back Button NM1282KSLAXAL Datasheet HTML 10Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 11Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 12Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 13Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 14Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 15Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 16Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 17Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 18Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 120 page
background image
Version 1.3
14
Nanya Technology Corp.
06/2018
All Rights Reserved. ©
2Gb SLC NAND + 2Gb LPDDR2
NM1282KSLAXAL
NTC Proprietary
Level: Property
Valid Blocks
Symbol
Parameter
Min
Typ.
Max
Unit
NVB
Number of Valid Blocks
2,008
-
2,048
Blocks
NOTE 1
The device occasionally contains unusable blocks.
The first block (Block 0) is guaranteed to be a valid block at the time of shipment.
The specification for the minimum number of valid blocks is applicable over lifetime.
The number of valid blocks is on the basis of single plane operations, and this may be decreased with two
plane operations.
Recommended DC Operating Conditions
Symbol
Parameter
Min
Typ.
Max
Unit
VCC
Power Supply Voltage
1.70
-
1.95
V
VIH
High Level Input Voltage
VCC x 0.8
-
VCC + 0.3
V
VIL
Low Level Input Voltage
-0.31
-
VCC x 0.2
V
Note 1
-2V (pulse width lower than 20 ns)
DC and Operation Characteristics
(Ta= -25 to 85
℃, V
CC
=1.70 to 1.95V )
Symbol
Parameter
Test Conditions
Min
Typ.
Max
Unit
IIL
Input Leakage Current
VIN=0 to VCC
-
-
±10
μA
ILO
Output Leakage Current
VOUT=0 to VCC
-
-
±10
μA
ICCO1
Serial Read Current
=VIL,IOUT= 0 mA, tcycle=25ns
-
-
30
mA
ICCO2
Programming Current
-
-
-
30
mA
ICCO3
Erasing Current
-
-
-
30
mA
ICCS
Standby Current
= VCC - 0.2 V,  = 0 V/VCC
-
-
50
μA
VOH
High Level Output Voltage
IOH = -0.1mA
VCC - 0.2
-
-
V
VOL
Low Level Output Voltage
IOL = 0.1mA
-
-
0.2
V
IOL (RY/)
Output Current of (RY/
) pin
VOL=0.2V
-
4
-
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com