Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NM1282KSLAXAL Datasheet(PDF) 77 Page - Nanya Technology Corporation.

Part # NM1282KSLAXAL
Description  MCP Specification
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1282KSLAXAL Datasheet(HTML) 77 Page - Nanya Technology Corporation.

Back Button NM1282KSLAXAL Datasheet HTML 73Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 74Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 75Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 76Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 77Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 78Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 79Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 80Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 81Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 120 page
background image
Version 1.3
77
Nanya Technology Corp.
06/2018
All Rights Reserved. ©
2Gb SLC NAND + 2Gb LPDDR2
NM1282KSLAXAL
NTC Proprietary
Level: Property
AC/DC Input Measurement Level
AC and DC Logic Levels for Single-Ended Signals
CA inputs (Address and Command) and  inputs
Symbol
Parameter
LPDDR2 1066
Unit
Notes
Min
Max
VIHCA(AC)
AC Input logic HIGH voltage
VREFCA + 220 mV
-
mV
1,3
VIHCA(DC)
DC Input logic HIGH voltage
VREFCA + 130 mV
VDDCA
mV
1
VILCA(AC)
AC Input logic LOW voltage
-
VREFCA
– 220 mV
mV
1,3
VILCA(DC)
DC Input logic LOW voltage
VSS
VREFCA
– 130 mV
mV
1
VREFCA(DC)
Reference voltage for CA and

inputs
0.49 x
VDDCA
0.51 x
VDDCA
V
4,5
Data inputs (DQ & DM)
VIHDQ(AC)
AC Input logic HIGH voltage
VREFDQ + 220 mV
-
mV
2,3
VIHDQ(DC)
DC Input logic HIGH voltage
VREFDQ + 130 mV
VDDQ
mV
1
VILDQ(AC)
AC Input logic LOW voltage
-
VREFDQ
– 220 mV
mV
2,3
VILDQ(DC)
DC Input logic LOW voltage
VSS
VREFDQ
– 130 mV
mV
1
VREFDQ(DC)
Reference voltage for DQ and DM
inputs
0.49 x
VDDQ
0.51 x
VDDQ
V
4,5
Clock enable inputs (CKE)
Symbol
Parameter
Min
Max
Unit
Notes
VIHCKE (AC)
CKE AC Input HIGH voltage
0.8
* VDDCA
-
V
3
VILCKE (AC)
CKE AC Input LOW voltage
-
0.2
* VDDCA
V
3
NOTE 1 For CA and  input only pins. Vref = VrefCA(DC).
NOTE 2 For DQ input only pins. Vref = VrefDQ(DC).
NOTE 3 See “Overshoot and Undershoot Specifications”
NOTE 4 The ac peak noise on VRefCA may not allow VRefCA to deviate from VRefCA(DC) by more than +/-1% VDDCA (for reference:
approx. +/- 12 mV).
NOTE 5 For reference: approx. VDDCA/2 +/- 12 mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com