Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NM1282KSLAXAL Datasheet(PDF) 31 Page - Nanya Technology Corporation.

Part # NM1282KSLAXAL
Description  MCP Specification
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1282KSLAXAL Datasheet(HTML) 31 Page - Nanya Technology Corporation.

Back Button NM1282KSLAXAL Datasheet HTML 27Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 28Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 29Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 30Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 31Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 32Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 33Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 34Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 35Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 120 page
background image
Version 1.3
31
Nanya Technology Corp.
06/2018
All Rights Reserved. ©
2Gb SLC NAND + 2Gb LPDDR2
NM1282KSLAXAL
NTC Proprietary
Level: Property
Starting the above operation from 1st page of the selected erase blocks, and then repeating the operation
total 64 times with incrementing the page address in the blocks, and then input the last page data of the
blocks, “10h” command executes final programming. Make sure to terminate with 81h-10h- command
sequence.
In this full sequence, the command sequence is following.
After the “15h” or “10h” command, the results of the above operation is shown through the “71h”Status Read
command.
The 71H Command Status Description
I/O
Status
Output
I/O 0
Chip Status1 : Pass / Fail
Pass : 0 / Fail : 1
I/O 1
District 0 Chip Status1 : Pass / Fail
Pass : 0 / Fail : 1
I/O 2
District 1 Chip Status2 : Pass / Fail
Pass : 0 / Fail : 1
I/O 3
District 0 Chip Status1 : Pass / Fail
Pass : 0 / Fail : 1
I/O 4
District 1 Chip Status2 : Pass / Fail
Pass : 0 / Fail : 1
I/O 5
Ready / Busy
Busy : 0 / Ready : 1
I/O 6
Data Cache Ready / Busy
Busy : 0 / Ready : 1
I/O 7
Write Protect
Protected : 0 / Not Protected : 1
I/O0 describes Pass/Fail condition of district 0 and 1 (OR data of I/O1 and I/O2). If one of the districts fails during multi
page program operation, it shows “Fail”.
I/O1 to I/O4 shows the Pass/Fail condition of each district. For details on “Chip Status 1” and “Chip Status2” refer to
section “Status Read”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com