Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NM1282KSLAXAL Datasheet(PDF) 37 Page - Nanya Technology Corporation.

Part # NM1282KSLAXAL
Description  MCP Specification
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1282KSLAXAL Datasheet(HTML) 37 Page - Nanya Technology Corporation.

Back Button NM1282KSLAXAL Datasheet HTML 33Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 34Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 35Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 36Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 37Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 38Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 39Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 40Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 41Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 120 page
background image
Version 1.3
37
Nanya Technology Corp.
06/2018
All Rights Reserved. ©
2Gb SLC NAND + 2Gb LPDDR2
NM1282KSLAXAL
NTC Proprietary
Level: Property
Auto Block Erase
The Auto Block Erase operat
ion starts on the rising edge of WE after the Erase Start command “D0h” which
follows the Erase Setup command “60h”. This two-cycle process for Erase operations acts as an extra layer of
protection from accidental erasure of data due to external noise. The device automatically executes the Erase
and Verify operations.
Multi Block Erase
The Multi Block Erase operation starts by selecting two block addresses before D0h command as in below
diagram. The device automatically executes the Erase and Verify operations and the result can be monitored
by checking the status by 71h status read command. For details on 71h status read command, refer to section
“
Multi Page Program with Data Cache”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com