Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NM1282KSLAXAL Datasheet(PDF) 88 Page - Nanya Technology Corporation.

Part # NM1282KSLAXAL
Description  MCP Specification
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1282KSLAXAL Datasheet(HTML) 88 Page - Nanya Technology Corporation.

Back Button NM1282KSLAXAL Datasheet HTML 84Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 85Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 86Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 87Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 88Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 89Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 90Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 91Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 92Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 120 page
background image
Version 1.3
88
Nanya Technology Corp.
06/2018
All Rights Reserved. ©
2Gb SLC NAND + 2Gb LPDDR2
NM1282KSLAXAL
NTC Proprietary
Level: Property
IDD Specifications (Continued)
LPDDR2 IDD Specification Parameters and Operating Conditions
Parameter/Condition
Symbol
Power Supply
Notes
Self refresh current (Standard Temperature Range):
CK=LOW,
=HIGH;
CKE is LOW;
CA bus inputs are STABLE;
Data bus inputs are STABLE;
Maximum 1x Self-Refresh Rate;
IDD61
VDD1
1,7
IDD62
VDD2
1,7
IDD6IN
VDDCA,VDDQ
1,4,7
Deep Power-Down current:
CK=LOW,
=HIGH;
CKE is LOW;
CA bus inputs are STABLE;
Data bus inputs are STABLE;
IDD81
VDD1
8
IDD82
VDD2
8
IDD8IN
VDDCA,VDDQ
4,8
Notes:
1. Published IDD values are the maximum of the distribution of the arithmetic mean and are measured at 85℃.
2. IDD current specifications are tested after the device is properly initialized.
3. The 1x self refresh rate is the rate at which the device is refreshed internally during self refresh, before going into the extended
temperature range.
4. Measured currents are the summation of VDDQ and VDDCA.
5. Guaranteed by design with output load of 5pf and RON = 40Ohm.
6. Per Bank Refresh only applicable for LPDDR2-S4 devices of 1Gb or higher densities
7. This is the general definition that applies to full-array SELF REFRESH.
8. IDD8 are typical values. IDD8 is measured at 25℃.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com