Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NM1282KSLAXAL Datasheet(PDF) 25 Page - Nanya Technology Corporation.

Part # NM1282KSLAXAL
Description  MCP Specification
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1282KSLAXAL Datasheet(HTML) 25 Page - Nanya Technology Corporation.

Back Button NM1282KSLAXAL Datasheet HTML 21Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 22Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 23Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 24Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 25Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 26Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 27Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 28Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 29Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 120 page
background image
Version 1.3
25
Nanya Technology Corp.
06/2018
All Rights Reserved. ©
2Gb SLC NAND + 2Gb LPDDR2
NM1282KSLAXAL
NTC Proprietary
Level: Property
Auto Page Program Operation
The device carries out an Automatic Page Program operation when it receives a "10h" Program command
after the address and data have been input. The sequence of command, address and data input is shown
below.
(Refer to the detailed timing chart.)
The data is transferred (programmed) from the Data Cache via the Page Buffer to the selected page on the
rising edge of
 following input of the “10h” command. After programming, the programmed data is
transferred back to the Page Buffer to be automatically verified by the device.
If the programming does not succeed, the Program/Verify operation is repeated by the device until success is
achieved or until the maximum loop number set in the device is reached.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com