Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NM1282KSLAXAL Datasheet(PDF) 44 Page - Nanya Technology Corporation.

Part # NM1282KSLAXAL
Description  MCP Specification
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1282KSLAXAL Datasheet(HTML) 44 Page - Nanya Technology Corporation.

Back Button NM1282KSLAXAL Datasheet HTML 40Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 41Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 42Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 43Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 44Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 45Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 46Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 47Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 48Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 120 page
background image
Version 1.3
44
Nanya Technology Corp.
06/2018
All Rights Reserved. ©
2Gb SLC NAND + 2Gb LPDDR2
NM1282KSLAXAL
NTC Proprietary
Level: Property
APPLICATION NOTES AND COMMENTS
(1)Power-on/off sequence
The timing sequence shown in the figure below is necessary for the power-on/off sequence.
The device internal initialization starts after the power supply reaches an appropriate level in the power on
sequence.
During the initialization the device Ready/Busy signal indicates the Busy state as shown in the figure below. In
this time period, the acceptable commands are FFh or 70h.
The
 signal is useful for protecting against data corruption at power-on/off.
(2)Do not turn off the power before write/erase operation is complete. Avoid using the device when the battery
is low. Power shortage and/or power failure before write/erase operation is complete will cause loss of data
and/or damage to data.
(3)Power-on Reset
The following sequence is necessary because some input signals may not be stable at power-on.
(4)Prohibition of unspecified commands
The operation commands are listed in Logic Table. Input of a command other than those specified in Logic
Table is prohibited. Stored data may be corrupted if an unknown command is entered during the command
cycle.
(5)Restriction of commands while in the Busy state
During the Busy state, do not input any command except 70h(71h) and FFh.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com