Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NM1282KSLAXAL Datasheet(PDF) 79 Page - Nanya Technology Corporation.

Part # NM1282KSLAXAL
Description  MCP Specification
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1282KSLAXAL Datasheet(HTML) 79 Page - Nanya Technology Corporation.

Back Button NM1282KSLAXAL Datasheet HTML 75Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 76Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 77Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 78Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 79Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 80Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 81Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 82Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 83Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 120 page
background image
Version 1.3
79
Nanya Technology Corp.
06/2018
All Rights Reserved. ©
2Gb SLC NAND + 2Gb LPDDR2
NM1282KSLAXAL
NTC Proprietary
Level: Property
Single-Ended Levels for CK, , DQS, 
Symbol
Parameter
LPDDR2 1066
Unit
Min
Max
VSEH(AC)
Single-ended HIGH level for strobes
(VDDQ/2) + 0.22
Note 3
V
Single-ended HIGH level for CK,

(VDDCA/2) + 0.22
Note 3
V
VSEL(AC)
Single-ended LOW level for strobes
Note 3
(VDDQ/2) - 0.22
V
Single-ended LOW level for CK,

Note 3
(VDDCA/2) - 0.22
V
Notes:
1.
For CK and , use VSEH/VSEL(AC) of CA; for strobes (DQS[3:0] and [3:0]) use VIH/VIL(AC) of DQ.
2.
VIH(AC) and VIL(AC) for DQ are based on VREFDQ; VSEH(AC) and VSEL(AC) for CA are based on VREFCA. If a reduced AC HIGH or AC
LOW is used for a signal group, the reduced level applies.
3.
These values are not defined, however the single-ended signals CK, , DQS0, , DQS1, , DQS2, , DQS3,
 must be within the respective limits (VIH(DC)max, VIL(DC)min) for single-ended signals, and must comply with the
specified limitations for overshoot and undershoot.
Cross-Point Voltage for Differential Input Signals (CK, , DQS, )
Symbol
Parameter
LPDDR2 1066
Unit
Min
Max
VIXCA(AC)
Differential input cross-point voltage relative to VDDCA/2 for CK and

-120
+120
mV
VIXDQ(AC)
Differential input cross-point voltage relative to VDDQ/2 for DQS and

-120
+120
mV
Notes:
1. The typical value of VIX(AC) is expected to be about 0.5 × VDD of the transmitting device, and it is expected to track variations
in VDD. VIX(AC) indicates the voltage at which differential input signals must cross.
2. For CK and , VREF = VREFCA(DC). For DQS and , VREF = VREFDQ(DC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com