Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NM1282KSLAXAL Datasheet(PDF) 28 Page - Nanya Technology Corporation.

Part # NM1282KSLAXAL
Description  MCP Specification
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1282KSLAXAL Datasheet(HTML) 28 Page - Nanya Technology Corporation.

Back Button NM1282KSLAXAL Datasheet HTML 24Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 25Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 26Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 27Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 28Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 29Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 30Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 31Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 32Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 120 page
background image
Version 1.3
28
Nanya Technology Corp.
06/2018
All Rights Reserved. ©
2Gb SLC NAND + 2Gb LPDDR2
NM1282KSLAXAL
NTC Proprietary
Level: Property
Auto Page Program Operation with Data Cache
The device has an Auto Page Program with Data Cache operation enabling the high speed program operation
shown below. When the block address changes this
sequenced has to be started from the beginning.
Issuing the 15h command to the device after serial data input initiates the program operation with Data Cache
1 Data for Page N is input to Data Cache.
2 Data is transferred to the Page Buffer by the 15h command. During the transfer the Ready/Busy outputs Busy State (tDCBSYW2).
3 Data is programmed to the selected page while the data for page N + 1 is input to the Data Cache.
4 By the 15h command, the data in the Data Cache is transferred to the Page Buffer after the programming of page N is completed. The
device output busy state from the 15h command until the Data Cache becomes empty. The duration of this period depends on timing
between the internal programming of page N and serial data input for Page N + 1 (tDCBSYW2).
5 Data for Page N + P is input to the Data Cache while the data of the Page N + P − 1 is being programmed.
6 The programming with Data Cache is terminated by the 10h command. When the device becomes Ready, it shows that the internal
programming of the Page N + P is completed.
NOTE: Since the last page programming by the 10h command is initiated after the previous cache program, the tPROG during cache
programming is given by the following;
tPROG = tPROG for the last page + tPROG of the previous page − ( command input cycle + address input cycle + data input cycle time of
the last page)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com