Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NM1282KSLAXAL Datasheet(PDF) 89 Page - Nanya Technology Corporation.

Part # NM1282KSLAXAL
Description  MCP Specification
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1282KSLAXAL Datasheet(HTML) 89 Page - Nanya Technology Corporation.

Back Button NM1282KSLAXAL Datasheet HTML 85Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 86Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 87Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 88Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 89Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 90Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 91Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 92Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 93Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 120 page
background image
Version 1.3
89
Nanya Technology Corp.
06/2018
All Rights Reserved. ©
2Gb SLC NAND + 2Gb LPDDR2
NM1282KSLAXAL
NTC Proprietary
Level: Property
IDD Specifications and Measurement Conditions
VDD2/VDDQ/VDDCA = 1.14~1.30V; VDD1 = 1.70~1.95V
Symbol
Supply
1066
Unit
SDP
IDD0
IDD01
VDD1
10
mA
IDD02
VDD2
40
mA
IDD0IN
VDDCA, VDDQ,
6
mA
IDD2P
IDD2P1
VDD1
450
uA
IDD2P2
VDD2
600
uA
IDD2PIN
VDDCA, VDDQ,
50
uA
IDD2PS
IDD2PS1
VDD1
450
uA
IDD2PS2
VDD2
600
uA
IDD2PSIN
VDDCA, VDDQ,
50
uA
IDD2N
IDD2N1
VDD1
1
mA
IDD2N2
VDD2
15
mA
IDD2NIN
VDDCA, VDDQ,
6
mA
IDD2NS
IDD2NS1
VDD1
1
mA
IDD2NS2
VDD2
5
mA
IDD2NSIN
VDDCA, VDDQ,
6
mA
IDD3P
IDD3P1
VDD1
1200
uA
IDD3P2
VDD2
4
mA
IDD3PIN
VDDCA, VDDQ,
100
uA
IDD3PS
IDD3PS1
VDD1
1200
uA
IDD3PS2
VDD2
4
mA
IDD3PSIN
VDDCA, VDDQ,
100
uA
IDD3N
IDD3N1
VDD1
1.2
mA
IDD3N2
VDD2
20
mA
IDD3NIN
VDDCA, VDDQ,
6
mA
IDD3NS
IDD3NS1
VDD1
1.2
mA
IDD3NS2
VDD2
7
mA
IDD3NSIN
VDDCA, VDDQ,
6
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com