Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NM1282KSLAXAL Datasheet(PDF) 91 Page - Nanya Technology Corporation.

Part # NM1282KSLAXAL
Description  MCP Specification
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1282KSLAXAL Datasheet(HTML) 91 Page - Nanya Technology Corporation.

Back Button NM1282KSLAXAL Datasheet HTML 87Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 88Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 89Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 90Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 91Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 92Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 93Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 94Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 95Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 120 page
background image
Version 1.3
91
Nanya Technology Corp.
06/2018
All Rights Reserved. ©
2Gb SLC NAND + 2Gb LPDDR2
NM1282KSLAXAL
NTC Proprietary
Level: Property
IDD Specifications and Measurement Conditions
VDD2/VDDQ = 1.14~1.30V; VDD1 = 1.70~1.95V
IDD6 Partial Array Self-refresh current;
PASR
Supply
1066
Unit
SDP
Full Array
VDD1
700
uA
VDD2
2000
uA
VDDQ
50
uA
1/2 Array
VDD1
650
uA
VDD2
1600
uA
VDDQ
50
uA
1/4 Array
VDD1
600
uA
VDD2
1400
uA
VDDQ
50
uA
1/8 Array
VDD1
550
uA
VDD2
1300
uA
VDDQ
50
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com