Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NM1282KSLAXAL Datasheet(PDF) 113 Page - Nanya Technology Corporation.

Part # NM1282KSLAXAL
Description  MCP Specification
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1282KSLAXAL Datasheet(HTML) 113 Page - Nanya Technology Corporation.

Back Button NM1282KSLAXAL Datasheet HTML 109Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 110Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 111Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 112Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 113Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 114Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 115Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 116Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 117Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 120 page
background image
Version 1.3
113
Nanya Technology Corp.
06/2018
All Rights Reserved. ©
2Gb SLC NAND + 2Gb LPDDR2
NM1282KSLAXAL
NTC Proprietary
Level: Property
MR10_Calibration (MA<7:0> = 0AH)
MR#
MA <7:0>
Function
Access
OP7
OP6
OP5
OP4
OP3
OP2
OP1
OP0
10
0AH
IO Calibration
W
Calibration Code
OP<7:0>
Calibration Code
Write-only
0Xff: Calibration command after initialization
0Xab: Long calibration
0x56: Short calibration
0Xc3: ZQ Reset
All others: Reserved
Notes:
1.
Host processor shall not write MR10 with “Reserved” values.
2.
LPDDR2 devices shall ignore calibration command, when a “Reserved” values is written into MR10.
3.
See AC timing table for the calibration latency.
4.
If ZQ is connected to VSS through RZQ, either the ZQ calibration function (see “MRW ZQ Calibration Command”) or default
calibration (through the ZQ RESET command) is supported. If ZQ is connected to VDDCA, the device operates with default
calibration, and ZQ calibration commands are ignored. In both cases, the ZQ connection must not change after power is
supplied to the device. Devices that do not support calibration ignore the ZQ calibration command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com