Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV4420ACPZ-R2 Datasheet(PDF) 26 Page - Analog Devices

Part # ADMV4420ACPZ-R2
Description  K Band Downconverter with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4420ACPZ-R2 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADMV4420ACPZ-R2 Datasheet HTML 22Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 23Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 24Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 25Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 26Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 27Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 28Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 29Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 61 page
background image
ADMV4420
Data Sheet
Rev. A | Page 26 of 61
LO = 18.95 GHz, LOW-SIDE INJECTION PERFORMANCE
50
45
40
35
30
25
20
15
10
+85°C
+25°C
–40°C
900
2500
2300
1900
1500
2100
1700
1300
1100
IF FREQUENCY (MHz)
Figure 80. Conversion Gain vs. IF Frequency at Various Temperatures
20
18
16
14
12
10
8
4
0
6
2
+85°C
+25°C
–40°C
900
2500
2300
1900
1500
2100
1700
1300
1100
IF FREQUENCY (MHz)
NO FILTERING APPLIED
Figure 81. Noise Figure vs. IF Frequency at Various Temperatures
16
14
12
10
8
6
4
2
0
+85°C
+25°C
–40°C
900
2500
2300
1900
1500
2100
1700
1300
1100
IF FREQUENCY (MHz)
Figure 82. Output P1dB vs. IF Frequency at Various Temperatures
50
45
40
35
30
25
20
15
10
900
2500
2300
1900
1500
2100
1700
1300
1100
IF FREQUENCY (MHz)
5.25V
5.00V
4.75V
Figure 83. Conversion Gain vs. IF Frequency at Various Supply Voltages,
TA = 25°C
20
18
16
14
12
10
8
4
0
6
2
900
2500
2300
1900
1500
2100
1700
1300
1100
IF FREQUENCY (MHz)
5.25V
5.00V
4.75V
NO FILTERING APPLIED
Figure 84. Noise Figure vs. IF Frequency at Various Supply Voltages,
TA = 25°C
16
14
12
10
8
6
4
2
0
900
2500
2300
1900
1500
2100
1700
1300
1100
IF FREQUENCY (MHz)
5.25V
5.00V
4.75V
Figure 85. Output P1dB vs. IF Frequency at Various Supply Voltages,
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com