Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV4420ACPZ-R2 Datasheet(PDF) 55 Page - Analog Devices

Part # ADMV4420ACPZ-R2
Description  K Band Downconverter with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4420ACPZ-R2 Datasheet(HTML) 55 Page - Analog Devices

Back Button ADMV4420ACPZ-R2 Datasheet HTML 51Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 52Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 53Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 54Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 55Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 56Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 57Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 58Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 61 page
background image
Data Sheet
ADMV4420
Rev. A | Page 55 of 61
APPLICATIONS INFORMATION
EVALUATION BOARD
The ADMV4420-EVALZ evaluation board can be used to
evaluate the performance of the ADMV4420. The top and cross
sectional layout views of the ADMV4420-EVALZ evaluation
board are shown in Figure 126 and Figure 127, respectively. The
RF transmission lines were designed using a coplanar waveguide
(CPWG) model with a line width (W) of 16 mil and 13 mil of
ground spacing for a characteristic impedance of 50Ω for the
RF input (RFIN) and the external reference input (REF/XTAL1).
The line width and ground spacing for the IF output (IFOUT)
are 9 mil and 15 mil, respectively. The PCB is made with Rogers
4350B dielectric material, which offers low loss performance,
and isola 370HR dielectric material, which achieves the
required thickness of the PCB.
The ADMV4420-EVALZ evaluation board layout consists of
four layers. Layer 1 contains the charge pump, IF supplies
(VPOS3_CP and VPOS4_IF), and the multiplexer output signal
(MUXOUT) trace, which are routed together with the
peripheral component placements. Layer 2 is arranged to
provide the ground plane for the board. Layer 3 includes the
VCO (VPOS1_VCO) supply, the PLL (VPOS2_PLL) supply,
and digital SPI control signal (CS, SDI, SDO, and SCLK) traces,
and Layer 4 includes the chip enable (ENBL0 and ENBL1) traces
on the bottom side of the board. Note that on the evaluation
board, CS is indicated by CSB. Figure 128 to Figure 130 show
the routing details of Layer 2 to Layer 4. For optimal RF and
thermal grounding place as many plated through vias as possible
around the RF transmission lines, underneath the exposed pad
and throughout the entire PCB (See Figure 128).
Figure 126. ADMV4420-EVALZ Evaluation Board Layout, Top View (Layer 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com