Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV4420ACPZ-R2 Datasheet(PDF) 58 Page - Analog Devices

Part # ADMV4420ACPZ-R2
Description  K Band Downconverter with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4420ACPZ-R2 Datasheet(HTML) 58 Page - Analog Devices

Back Button ADMV4420ACPZ-R2 Datasheet HTML 53Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 54Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 55Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 56Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 57Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 58Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 59Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 60Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 61Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 58 / 61 page
background image
ADMV4420
Data Sheet
Rev. A | Page 58 of 61
CPOUT
VTUNE
AGND
R11
0Ω
R5
1.5kΩ
R4
680Ω
C25
6800pF
C26
220pF
C24
470pF
Figure 131. Recommended Integer Mode Loop Filter Schematic
Table 47. Recommended Integer Mode Loop Filter
Components for Phase Frequency Detector = 50 MHz
Component
Value
C24
470 pF (0402)
C25
6800 pF (0402)
C26
220 pF (0402)
R4
680 Ω (0402)
R5
1.5 kΩ (0402)
R11
0 Ω (0402)
Table 48. Bill of Materials for ADMV4420-EVALZ
Reference Designator
Description
C1, C3, C14, C32, C33, C35
Power supply decoupling and LDO decoupling capacitor, 10 μF, 0603
C2, C10, C16, C18, C30
Power supply decoupling and LDO decoupling capacitor, 10 pF, 0402
C5, C6
Crystal loading capacitors
C7, C8, C11, C12, C13, C22, C27
Power supply decoupling and LDO decoupling capacitor, 0.1 μF, 0402
C15, C19, C20, C23, C29
Power supply decoupling and LDO decoupling capacitor, 100 pF, 0402)
C4, C34
Power supply decoupling and LDO decoupling capacitor, 10 μF, 0402
C9
Power supply decoupling and LDO decoupling capacitor, 4.7 μF, 0402
C17, C21
AC coupling capacitor, 0.01 μF, 0402
C24
Loop filter capacitor, 470 pF, 0402
C25
Loop filter capacitor, 6800 pF, 0402
C26
Loop filter capacitor, 220 pF, 0402
CS, ENBL0, ENBL1, MUXOUT, SCLK, SDI, SDO
Test point, yellow
DS1
LED, green
GND1, GND2, GND3
Test point, black
J1
RF connector, SRI, K type, female
J2
RF connector, subminiature version a (SMA), female
J3
System demonstration platform (SDP) connector
J4
RF connector, F type, female
L1
Choke inductor, 51 nH, 0402
M1
Heat sink
R1
External reference input matching, 49.9 Ω, 0402
R11, R13, R14, R15, R16
Resistor, 0 Ω, 0402
R19, R29
Resistor, 1 kΩ, 0402
R25, R27
Resistor, pull-down, 100 kΩ, 0402
R4
Resistor, loop filter, 680 Ω, 0402
R5
Resistor, loop filter,1.5 kΩ, 0402
U1
K band downconverter with integrated fractional-N PLL and VCO, ADMV4420
U2
Serial EEPROM, 32-bit
VCC5P0, VPOS1, VPOS2, VPOS3, VPOS4
Test point, red
Y1
Crystal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com