Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV4420ACPZ-R2 Datasheet(PDF) 40 Page - Analog Devices

Part # ADMV4420ACPZ-R2
Description  K Band Downconverter with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4420ACPZ-R2 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADMV4420ACPZ-R2 Datasheet HTML 36Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 37Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 38Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 39Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 40Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 41Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 42Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 43Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 61 page
background image
ADMV4420
Data Sheet
Rev. A | Page 40 of 61
MUX
MUXOUT
OUTPUT LOW
DIGITAL LOCK DETECT
R COUNTER/2
N COUNTER/2
OUTPUT HIGH
Figure 125. Multiplexer Output Diagram
DIGITAL LOCK DETECT
The digital lock detect function that is output on the MUXOUT
pin has two adjustable settings in Register 0x214. LD_BIAS
adjusts an internal precision window and LD_COUNT adjusts
the consecutive cycle count to declare PLL lock. It is recom-
mended to keep the 20 µA and 8192 PFD cycle count factory
settings. For special applications, contact Analog Devices
technical support for guidance on adjusting these settings.
ENABLES
Register 0x103 has individual circuit block enables. Setting this
register to 0 disables all circuit blocks, resulting in approximately
80 mW of power dissipation. For nominal operation, keep all
enables in this register set to 1 (register value of 0x6F). Note that
Bit 4 and Bit 7 are reserved and must be set to 0.
IF OUTPUT—EXTERNAL INDUCTOR/BIASING
The IF amplifier output is an open-collector configuration and
requires an external biasing inductor pulled up to the
VPOS4_IF supply. The recommended value of the inductor is
approximately 50 nH, which requires a current carrying
capability of at least 150 mA. Because this configuration is
dc-coupled, it is necessary to place a series capacitor between
the IF output and the next stage in the end application. A
recommended minimum value for the series capacitor is 1 nF.
SPI CONFIGURATION
The SPI of the ADMV4420 allows configuration of the device
for specific functions or operations via the 4-pin SPI port. This
interface provides users with added flexibility and customization.
The SPI consists of four control lines: SCLK, SDI, SDO, and CS.
The ADMV4420 protocol consists of a write/read bit followed
by 15 register address bits and 8 data bits. The address field and
data field are organized MSB first and end with the LSB.
For a write operation, set the MSB to 0, and for a read
operation, set the MSB to 1. The write cycle sampling must be
done on the rising edge of SCLK. The 24 bits of the serial write
address and data are shifted in on the SDI control line, MSB to
LSB. The ADMV4420 input logic level for the write cycle
supports a 3.3 V interface.
For a read cycle, the R/W bit and the 15 bits of address shift in
on the rising edge of SCLK on the SDI control line. Then, 8 bits
of serial read data shift out on the SDO control line, MSB first,
on the falling edge of SCLK. The output logic level for a read
cycle is 3.3 V. The output drivers of the SDO are enabled after
the last rising edge of SCLK of the instruction cycle and remain
active until the end of the read cycle. In a read operation, when
CS is deasserted, SDO returns to high impedance until the next
read transaction. The CS is active low and must be deasserted at
the end of the write or read sequence.
An active low input on CS starts and gates a communication
cycle. The CS pin allows more than one device to be used on the
same serial communications lines. The SDO pin goes to a high
impedance state when the CS input is high. During the
communication cycle, the chip select must stay low.
The SPI communications protocol follows the Analog Devices
SPI standard. For more information, see the ADI-SPI Serial
Control Interface Standard (Rev 1.0).
VCO AUTOCALIBRATION AND AUTOMATIC LEVEL
CONTROL
The multicore VCO uses an internal autocalibration
(AUTOCAL) and automatic level control (ALC) routine that
optimizes the VCO settings for a particular frequency and
allows the PLL to lock in approximately 400 µs after the lower
portion of the N counter integer value (INT_L) has been
programmed. For nominal applications, maintain the
AUTOCAL and ALC default values in the register map (see
Table 8).
PROGRAMMING SEQUENCE
A number of double buffered registers that take effect only after
a write to the lower portion of the N counter integer value
(INT_L). The INT_L register applies any changes to these
double registers and initiate the autocalibration routine.
Additionally, it is recommended to allow 16 SPI clock cycles
after writing to the INT_L register.
The following describes the recommended programming
sequence:
1. Program the CP_CURRENT register (Register 0x22E).
2. Program the FRAC_H register (Register 0x204).
3. Program the FRAC_M register (Register 0x203).
4. Program the FRAC_L register (Register 0x202).
5. Program the MOD_H register (Register 0x20A).
6. Program the MOD_M register (Register 0x209).
7. Program the MOD_L register (Register 0x208).
8. Program the INT_H register (Register 0x201).
9. Program the INT_L register (Register 0x200).
10. Program 16 SPI clock cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com