Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV4420ACPZ-R2 Datasheet(PDF) 43 Page - Analog Devices

Part # ADMV4420ACPZ-R2
Description  K Band Downconverter with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4420ACPZ-R2 Datasheet(HTML) 43 Page - Analog Devices

Back Button ADMV4420ACPZ-R2 Datasheet HTML 39Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 40Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 41Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 42Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 43Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 44Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 45Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 46Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 61 page
background image
Data Sheet
ADMV4420
Rev. A | Page 43 of 61
ADDRESS 0x001, RESET: 0x00, NAME: ADI_SPI_CONFIG_2
Single Ins truction
1:
CSB.
Dis able Stream ing Regardles s of
0: Enable Stream ing.
Mas ter Slave Trans fer
CSB Stall
Mas ter Slave RB
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7] SINGLE_INSTRUCTION (R/W)
[0] MASTER_SLAVE_TRANSFER (R/W)
[6] CSB_STALL (R/W)
[4:1] RESERVED
[5] MASTER_SLAVE_RB (R/W)
Table 10. ADI_SPI_CONFIG_2 Bit Descriptions
Bit
Bit Name
Description1
Reset
Access
7
SINGLE_INSTRUCTION
Single instruction bit
0x0
R/W
0: Enable streaming
1: Disable streaming regardless of CSB
6
CSB_STALL
CSB stall bit
0x0
R/W
5
MASTER_SLAVE_RB
Master slave readback bit
0x0
R/W
[4:1]
RESERVED
Reserved
0x0
R
0
MASTER_SLAVE_TRANSFER
Master slave transfer bit
0x0
R/W
1
Note that CS corresponds to CSB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com