Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV4420ACPZ-R2 Datasheet(PDF) 13 Page - Analog Devices

Part # ADMV4420ACPZ-R2
Description  K Band Downconverter with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4420ACPZ-R2 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADMV4420ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 61 page
background image
Data Sheet
ADMV4420
Rev. A | Page 13 of 61
30
28
26
24
22
20
18
14
10
16
12
RF FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 30. Output IP3 vs. RF Frequency at Various Temperatures
30
28
26
24
22
20
18
14
10
16
12
RF FREQUENCY (GHz)
5.25V
5.00V
4.75V
Figure 31. Output IP3 vs. RF Frequency at Various Supply Voltages,
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com