Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV4420ACPZ-R2 Datasheet(PDF) 54 Page - Analog Devices

Part # ADMV4420ACPZ-R2
Description  K Band Downconverter with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4420ACPZ-R2 Datasheet(HTML) 54 Page - Analog Devices

Back Button ADMV4420ACPZ-R2 Datasheet HTML 50Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 51Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 52Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 53Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 54Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 55Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 56Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 57Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 61 page
background image
ADMV4420
Data Sheet
Rev. A | Page 54 of 61
ADDRESS 0x22C, RESET: 0x07, NAME: CP_STATE
Charge Pum p State
3: Norm al Operation.
2: Force Down.
1: Force Up.
0: Tri-State (Hi-Z)
0
1
1
1
2
1
3
0
4
0
5
0
6
0
7
0
[7:2] RESERVED
[1:0] CP_STATE (R/W)
Table 42. CP_STATE Bit Descriptions
Bits
Bit Name
Description
Reset
Access
[7:2]
RESERVED
Reserved
0x1
R
[1:0]
CP_STATE
Charge pump state
0x3
R/W
0: Tristate (high-Z)
1: Force up
2: Force down
3: Normal operation
ADDRESS 0x22D, RESET: 0x01, NAME: CP_BLEED_EN
Bleed CP Current Enable
1: Enable.
0: Disable.
0
1
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:1] RESERVED
[0] EN_BLEED (R/W)
Table 43. CP_BLEED_EN Bit Descriptions
Bits
Bit Name
Description
Reset
Access
[7:1]
RESERVED
Reserved
0x0
R
0
EN_BLEED
Bleed CP current enable
0x1
R/W
0: Disable
1: Enable
ADDRESS 0x22E, RESET: 0x03, NAME: CP_CURRENT
Main Charge Pum p Current
0
1
1
1
2
0
3
0
4
0
5
0
6
0
7
0
[7:4] RESERVED
[3:0] CP_CURRENT (R/W )
Table 44. CP_CURRENT Bit Descriptions
Bits
Bit Name
Description
Reset
Access
[7:4]
RESERVED
Reserved
0x0
R
[3:0]
CP_CURRENT
Main charge pump current bit
0x3
R/W
ADDRESS 0x22F, RESET: 0x0C, NAME: CP_BLEED
Binary Scaled Bleed Current
0
0
1
0
2
1
3
1
4
0
5
0
6
0
7
0
[7:0] BICP (R/W )
Table 45. CP_BLEED Bit Descriptions
Bits
Bit Name
Description
Reset
Access
[7:0]
BICP
Binary scaled bleed current
0xC
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com