Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV4420ACPZ-R2 Datasheet(PDF) 45 Page - Analog Devices

Part # ADMV4420ACPZ-R2
Description  K Band Downconverter with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4420ACPZ-R2 Datasheet(HTML) 45 Page - Analog Devices

Back Button ADMV4420ACPZ-R2 Datasheet HTML 41Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 42Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 43Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 44Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 45Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 46Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 47Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 48Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 61 page
background image
Data Sheet
ADMV4420
Rev. A | Page 45 of 61
ADDRESS 0x103, RESET: 0x6F, NAME: ENABLES
LNA Enable
1: Power Up LNA.
0: Power Down LNA.
PLL Enable
1: Power Up PLL.
0: Power Down PLL.
Mixer Enable
1: Power Up Mixer.
0: Power Down Mixer.
LO Enable
1: Power Up LO.
0: Power Down LO.
IF Am p Enable
1: Power Up IF Am plifier.
0: Power Down IF Am plifier.
VCO Enable
1: Power Up VCO.
0: Power Down VCO.
0
1
1
1
2
1
3
1
4
0
5
1
6
1
7
0
[7] RESERVED
[0] EN_LNA (R/W)
[6] EN_PLL (R/W)
[1] EN_MIXER (R/W)
[5] EN_LO (R/W)
[2] EN_IFAMP (R/W)
[4] RESERVED
[3] EN_VCO (R/W)
Table 16. ENABLES Bit Descriptions
Bits
Bit Name
Description
Reset
Access
7
RESERVED
Reserved
0x0
R
6
EN_PLL
PLL enable bit
0x1
R/W
0: Power down PLL
1: Power up PLL
5
EN_LO
LO enable bit
0x1
R/W
0: Power down LO
1: Power up LO
4
RESERVED
Reserved
0x0
R
3
EN_VCO
VCO enable bit
0x1
R/W
0: Power down VCO
1: Power up VCO
2
EN_IFAMP
IF amplifier enable bit
0x1
R/W
0: Power down IF amplifier
1: Power up IF amplifier
1
EN_MIXER
Mixer enable bit
0x1
R/W
0: Power down mixer
1: Power up mixer
0
EN_LNA
LNA enable bit
0x1
R/W
0: Power down LNA
1: Power up LNA
ADDRESS 0x108, RESET: 0x05, NAME: SDO_LEVEL
SPI Supply Control
1: 3.3V Read Back.
0: 1.8V Read Back.
0
1
1
0
2
1
3
0
4
0
5
0
6
0
7
0
[7:3] RESERVED
[1:0] RESERVED
[2] SDO_LEVEL (R/W)
Table 17. SDO_LEVEL Bit Descriptions
Bits
Bit Name
Description
Reset
Access
[7:3]
RESERVED
Reserved
0x0
R
2
SDO_LEVEL
SPI supply control bit
0x1
R/W
0: 1.8 V readback
1: 3.3 V readback
[1:0]
RESERVED
Reserved
0x1
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com