Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV4420ACPZ-R2 Datasheet(PDF) 35 Page - Analog Devices

Part # ADMV4420ACPZ-R2
Description  K Band Downconverter with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4420ACPZ-R2 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADMV4420ACPZ-R2 Datasheet HTML 31Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 32Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 33Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 34Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 35Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 36Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 37Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 38Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 61 page
background image
Data Sheet
ADMV4420
Rev. A | Page 35 of 61
RETURN LOSS AND ISOLATION
0
–5
–10
–15
–20
–25
–30
–35
FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 116. RF Return Loss vs. Frequency at Various Temperatures,
LO = 18.95 GHz
0
–2
–4
–6
–8
–10
–12
+85°C
+25°C
–40°C
0.50
3.00
2.75
1.75
1.25
2.25
2.50
2.00
1.50
1.00
0.75
FREQUENCY (GHz)
Figure 117. IF Return Loss vs. Frequency at Various Temperatures,
LO = 18.95 GHz, Based on 75 Ω Output System
0
–10
–30
–50
–20
–40
–60
–70
–80
–90
–100
LO FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 118. LO to RF Leakage vs. LO Frequency at Various Temperatures for
Low-Side Injection LO, IF = 900 MHz
0
–10
–30
–50
–20
–40
–60
–70
–80
–90
–100
LO FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 119. LO to IF Leakage vs. LO Frequency at Various Temperatures for
Low-Side Injection LO, IF = 900 MHz
0
–10
–30
–50
–20
–40
–60
–70
–80
–90
–100
+85°C
+25°C
–40°C
16.95
22.05
20.14
18.86
21.41
20.78
19.50
18.23
17.59
RF FREQUENCY (GHz)
Figure 120. RF to IF Leakage vs. RF Frequency at Various Temperatures for
LO = 21.15 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com