Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV4420ACPZ-R2 Datasheet(PDF) 56 Page - Analog Devices

Part # ADMV4420ACPZ-R2
Description  K Band Downconverter with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4420ACPZ-R2 Datasheet(HTML) 56 Page - Analog Devices

Back Button ADMV4420ACPZ-R2 Datasheet HTML 52Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 53Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 54Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 55Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 56Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 57Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 58Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 59Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 61 page
background image
ADMV4420
Data Sheet
Rev. A | Page 56 of 61
1oz Cu (1.4mil)
0.5oz Cu (0.7mil)
LAYER 4
LAYER 3
LAYER 2
LAYER 1
1oz Cu (1.4mil) – POWER LINES
0.5oz Cu (0.7mil) – SIGNAL LINES
10mil ROGERS 4350B
ISOLA 370HR
ISOLA 370HR
0.5oz Cu (0.7mil)
0.5oz Cu (0.7mil)
0.5oz Cu (0.7mil)
W = 16mil FOR 50
Ω
W = 9mil FOR 75
Ω
W = 13mil FOR 50
Ω
W = 15mil FOR 75
Ω
Figure 127. ADMV4420-EVALZ PCB, Cross Sectional View
Figure 128. ADMV4420-EVALZ Evaluation Board, Layer 2
Figure 129. ADMV4420-EVALZ Evaluation Board, Layer 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com