Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV4420ACPZ-R2 Datasheet(PDF) 38 Page - Analog Devices

Part # ADMV4420ACPZ-R2
Description  K Band Downconverter with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4420ACPZ-R2 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADMV4420ACPZ-R2 Datasheet HTML 34Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 35Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 36Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 37Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 38Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 39Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 40Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 41Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 61 page
background image
ADMV4420
Data Sheet
Rev. A | Page 38 of 61
N COUNTER
The N counter allows a division ratio in the PLL feedback path
from the VCO. Note that the VCO signal is multiplied by 2 to
achieve the LO frequency at the double balanced mixer. The
division ratio is determined using the integer-N (INT),
fractional-N (FRAC), and modulus (MOD) values that this
counter comprises. The applicable registers for setting the INT,
FRAC, and MOD values are Register 0x200 to Register 0x20A.
FRAC
VALUE
MOD
VALUE
INT
VALUE
N = INT + FRAC/MOD
TO PFD
N COUNTER
FROM VCO
THIRD-ORDER
FRACTIONAL
INTERPOLATOR
Figure 122. N Counter Functional Diagram
INT, FRAC, MOD, AND REFERENCE PATH
RELATIONSHIP
The INT, FRAC, and MOD values, in conjunction with the
reference path, make it possible to generate VCO frequencies
spaced by fractions of the fPFD.
The fPFD can be calculated from the reference frequency (fREF)
and the reference path configuration parameters,
1
(1
)
PFD
REF
D
ff
RT
+
=
×
×+
(1)
where:
D is the reference doubler bit (0 or 1).
R is the reference divide ratio of the binary, 10-bit
programmable counter (1 to 1023).
T is the reference divide by 2 bit (0 or 1).
The VCO frequency (fVCO) is calculated with the following
equation:
2
LO
VCO
PFD
f
f
fN
=
=
×
(2)
where:
fLO is the frequency of the LO driving the mixer.
N is the desired value of the N counter.
The N counter value is defined as:
=
+
=
=
2
LO
VCO
PFD
PFD
FRAC
f
f
N INT
MOD
f
f
(3)
where:
INT is the 16-bit integer value (75 to 65,535).
FRAC is the numerator of the 24-bit primary modulus value
(0 to 16,777,215).
MOD is the denominator of the 24-bit primary modulus value
(1 to 16,777,215).
To obtain the INT portion of the N counter value, round down
using the mathematical floor function,
INT = FLOOR(N)
(4)
where FLOOR is the mathematical floor function.
To determine the value of the MOD parameter, a channel
spacing step size (fCHSP) and the fPFD must be selected first.
The MOD parameter is then computed with the fPFD and the
greatest common denominator (GCD),
=
(
,)
PFD
CHSP
PFD
f
MOD
GCD f
f
(5)
The FRAC value can be computed for a given an N counter
value, INT value, and MOD value,
FRAC = FLOOR(MOD × (N –INT))
(6)
INTEGER-N MODE
When the FRAC value is equal to zero, the synthesizer operates
in integer-N mode.
PHASE FREQUENCY DETECTOR AND CHARGE
PUMP
The PFD takes inputs from the R counter and N counter to
produce an output that is proportional to the phase and
frequency differences between them. This proportional
information is then output to a charge pump (CP) circuit that
generates current to drive an external loop filter, which is then
used to appropriately increase or decrease the VTUNE tuning
voltage.
Figure 123 shows a simplified schematic of the PFD and CP.
Note that the PFD includes a fixed delay element, which is used
to ensure there is no dead zone in the PFD transfer function for
consistent reference spur levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com