Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV4420ACPZ-R2 Datasheet(PDF) 57 Page - Analog Devices

Part # ADMV4420ACPZ-R2
Description  K Band Downconverter with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4420ACPZ-R2 Datasheet(HTML) 57 Page - Analog Devices

Back Button ADMV4420ACPZ-R2 Datasheet HTML 53Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 54Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 55Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 56Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 57Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 58Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 59Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 60Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 61Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 57 / 61 page
background image
Data Sheet
ADMV4420
Rev. A | Page 57 of 61
Figure 130. ADMV4420-EVALZ Evaluation Board, Layer 4 (Bottom Side)
Figure 126 shows the ADMV4420-EVALZ evaluation board
with component placement. The decoupling capacitors on the
LDO decoupling pin and power supply traces to minimize noise
effects. The schematic and Pb-free reflow solder profile of the
evaluation board are shown in and Figure 2 and Figure 132,
respectively.
There are two options to power up the evaluation board. The
first option is to apply a 5 V supply to the VPOS1, VPOS2,
VPOS3, and VPOS4 test points for the VCO, PLL, CP, and IF
blocks (VPOS1_VCO, VPOS2_PLL, VPOS3_CP, and
VPOS4_IF pins) respectively, and connect a 0 V supply to one
of the GND1, GND2, or GND3 ground test points. In this
option, remove the R13, R14, R15, and R16 resistors from the
evaluation board. This option allows the user to monitor the
currents of each block separately.
The second option to power up the board requires the power
supply to be applied through the VCC5P0 test point with the
appropriate ground connection. Only the total current of the
ADMV4420 can be monitored with this option. After powering
up the evaluation board, program the required digital settings
for the target configuration through the SDP-S controller board
by using the Analysis, Control, Evaluation (ACE) software,
which can be downloaded from the Analysis, Control,
Evaluation (ACE) product page. See the ADMV4420-EVALZ
user guide for details.
There are two different options to apply an external reference
input to the ADMV4420, as shown in Figure 132. The required
configurations for these options are described in Table 46.
When using the Case 1 option, the external reference input is
applied through the J2 connector with a signal generator. When
using the Case 2 option, the external reference input is provided
by the crystal (Y1).
A loop filter circuit generates the VCO control voltage (VTUNE)
by applying the CP current output of the ADMV4420 from the
charge pump output pin (CPOUT) to obtain the target LO
frequency. Figure 131 shows the recommended schematic and
Table 47 describes the loop filter components when the phase
frequency detector frequency is 50 MHz. Table 48 describes the
complete list of materials, which includes the loop filter
components. For details about the evaluation board, see the
ADMV4420-EVALZ user guide.
Table 46. External Reference Input Configurations
Option
Component Configuration
Case 1
Populate C21. Replace C6 with 1 nF capacitor.
Remove C5 and Y1.
Case 2 (Default)
C5 = 20 pF, C6 = 20 pF. Do not populate C21.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com