Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV4420ACPZ-R2 Datasheet(PDF) 2 Page - Analog Devices

Part # ADMV4420ACPZ-R2
Description  K Band Downconverter with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4420ACPZ-R2 Datasheet(HTML) 2 Page - Analog Devices

  ADMV4420ACPZ-R2 Datasheet HTML 1Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 61 page
background image
ADMV4420
Data Sheet
Rev. A | Page 2 of 61
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Revision History ............................................................................... 3
Functional Block Diagram .............................................................. 4
Specifications..................................................................................... 5
Absolute Maximum Ratings............................................................ 7
Thermal Resistance ...................................................................... 7
ESD Caution.................................................................................. 7
Pin Configuration and Function Descriptions............................. 8
Interface Schematics..................................................................... 9
Typical Performance Characteristics ........................................... 10
IF = 900 MHz, Low-Side Injection LO Performance ............ 10
IF = 900 MHz, High-Side Injection LO Performance ........... 12
IF = 1700 MHz, Low-Side Injection LO Performance .......... 14
IF = 1700 MHz, High-Side Injection LO Performance......... 16
IF = 2500 MHz, Low-Side Injection LO Performance .......... 18
IF = 2500 MHz, High-Side Injection LO Performance......... 20
LO = 16.75 GHz, Low-Side Injection Performance............... 22
LO = 16.75 GHz, High-Side Injection Performance ............. 24
LO = 18.95 GHz, Low-Side Injection Performance............... 26
LO = 18.95 GHz, High-Side Injection Performance ............. 28
LO = 21.15 GHz, Low-Side Injection Performance............... 30
LO = 21.15 GHz, High-Side Injection Performance ............. 32
Phase Noise Performance.......................................................... 34
Return Loss and Isolation.......................................................... 35
Spurious and Harmonics Performance ................................... 36
Theory of Operation ...................................................................... 37
Reference Input Stage................................................................. 37
Reference Doubler, R Counter, and RDIV2............................ 37
N Counter.................................................................................... 38
INT, FRAC, MOD, and Reference Path Relationship............ 38
Integer-N Mode .......................................................................... 38
Phase Frequency Detector and Charge Pump........................ 38
Loop Filter ................................................................................... 39
CP Current Setup ....................................................................... 39
Bleed Current (CP_BLEED) Setup .......................................... 39
MUXOUT.................................................................................... 39
Digital Lock Detect .................................................................... 40
Enables ......................................................................................... 40
IF Output—External Inductor/Biasing ................................... 40
SPI Configuration ...................................................................... 40
VCO Autocalibration and Automatic Level Control............. 40
Programming Sequence ............................................................ 40
Control Registers ............................................................................ 41
Register Details ............................................................................... 42
Address 0x000, Reset: 0x00, Name: ADI_SPI_CONFIG_1.. 42
Address 0x001, Reset: 0x00, Name: ADI_SPI_CONFIG_2.. 43
Address 0x003, Reset: 0x01, Name: CHIPTYPE.................... 44
Address 0x004, Reset: 0x03, Name: PRODUCT_ID_L ........ 44
Address 0x005, Reset: 0x00, Name: PRODUCT_ID_H ....... 44
Address 0x00A, Reset: 0x00, Name: SCRATCHPAD............ 44
Address 0x00B, Reset: 0x00, Name: SPI_REV........................ 44
Address 0x103, Reset: 0x6F, Name: ENABLES....................... 45
Address 0x108, Reset: 0x05, Name: SDO_LEVEL................. 45
Address 0x200, Reset: 0xA7, Name: INT_L ........................... 46
Address 0x201, Reset: 0x00, Name: INT_H ........................... 46
Address 0x202, Reset: 0x02, Name: FRAC_L ......................... 46
Address 0x203, Reset: 0x00, Name: FRAC_M ....................... 46
Address 0x204, Reset: 0x00, Name: FRAC_H ........................ 46
Address 0x208, Reset: 0x04, Name: MOD_L ......................... 47
Address 0x209, Reset: 0x00, Name: MOD_M ........................ 47
Address 0x20A, Reset: 0x00, Name: MOD_H........................ 47
Address 0x20C, Reset: 0x01, Name: R_DIV_L ...................... 48
Address 0x20D, Reset: 0x00, Name: R_DIV_H ..................... 48
Address 0x20E, Reset: 0x00, Name: REFERENCE ................ 48
Address 0x211, Reset: 0x00, Name:
VCO_DATA_READBACK1..................................................... 49
Address 0x212, Reset: 0x00, Name:
VCO_DATA_READBACK2..................................................... 49
Address 0x213, Reset: 0x01, Name: PLL_MUX_SEL............ 50
Address 0x214, Reset: 0x98, Name: LOCK_DETECT .......... 50
Address 0x215, Reset: 0x00, Name: VCO_BAND_SELECT 51
Address 0x216, Reset: 0x00, Name: VCO_ALC_TIMEOUT51
Address 0x217, Reset: 0x01, Name: VCO_MANUAL........... 51
Address 0x219, Reset: 0x13, Name: ALC ................................ 51
Address 0x21C, Reset: 0x90, Name: VCO_TIMEOUT1 ...... 52
Address 0x21D, Reset: 0x01, Name: VCO_TIMEOUT2 ...... 52
Address 0x21E, Reset: 0x4B, Name: VCO_BAND_DIV ...... 52
Address 0x21F, Reset: 0x18, Name: VCO_READBACK_SEL
....................................................................................................... 52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com