Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV4420ACPZ-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # ADMV4420ACPZ-R2
Description  K Band Downconverter with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4420ACPZ-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADMV4420ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 61 page
background image
ADMV4420
Data Sheet
Rev. A | Page 8 of 61
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. THE EXPOSED PAD MUST BE CONNECTED TO GND.
24 SDO
23 GND
22 CPOUT
21 VPOS3_CP
20 ENBL1
19 ENBL0
18 GND
17 GND
1
2
3
4
5
6
7
8
GND
GND
GND
RFIN
GND
GND
DECL1_VCO1
DECL2_VCO2
PIN 1
INDICATOR
ADMV4420
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 2, 3, 5, 6,
16, 17, 18,
23, 31
GND
Ground. Connect these pins and package bottom to RF and dc ground. See Figure 4 for the GND interface
schematic.
4
RFIN
RF Input Pin. This pin has a 50 Ω input impedance.
7, 8
DECL1_VCO1,
DECL2_VCO2
LDO Regulator Decoupling Pin. Place a 10 µF capacitor close to this pin.
9
VPOS1_VCO
5 V Power Supply Pin. Place 0.1 µF and 100 pF decoupling capacitors close to this pin.
10, 11, 32
DECL3_PLL,
DECL4_SDM,
DECL5_RF
LDO Decoupling Pin. Place a 10 µF capacitor close to this pin.
12
VPOS2_PLL
5 V Power Supply. Place the 0.1 µF and 100 pF decoupling capacitor close to this pin.
13
XTAL2/NC
Crystal Input or No Connect. When using an external crystal, place the crystal between the REF/XTAL1 and
XTAL2/DNC pins. When an external reference input signal is applied through the REF/XTAL1 pin, this pin is
used as a No Connect pin. Connect this pin to ground with a 1 nF capacitor (ac ground) when an external
reference input signal is applied through the REF/XTAL1 pin.
14
REF/XTAL1
External Reference Input or Crystal Input. When using an external crystal, place the crystal between the
XTAL1 and XTAL2 pins. When using as external reference input, apply an external reference signal to this
pin with a 0.01 µF, dc blocking capacitor. Refer to Figure 121 for the external reference input configuration.
This pin is internally biased to 1.65 V.
15
MUXOUT
PLL Multiplexer Output.
19
ENBL0
Device Enable 0. For nominal operation, keep this pin tied to 3.3 V.
20
ENBL1
Device Enable 1. For nominal operation, keep this pin tied to 3.3 V
21
VPOS3_CP
5 V Power Supply. Place the 0.1 µF and 100 pF decoupling capacitor close to this pin.
22
CPOUT
Synthesizer Charge Pump Output. Connect this pin to VTUNE (Pin 28) through the loop filter
24
SDO
Serial Peripheral Interface (SPI) Data Output. 3.3 V logic.
25
SDI
SPI Data Input. 3.3 V logic.
26
SCLK
SPI Clock. 3.3 V logic.
27
CS
SPI Chip Select. 3.3 V logic. Active low.
28
VTUNE
VCO Tuning Voltage. This pin is driven by the output of the loop filter.
29
VPOS4_IF
5 V Power Supply. Place 0.1 µF and 100 pF decoupling capacitors close to this pin.
30
IFOUT
IF Output. This pin has a 75 Ω output impedance. The output stage of the IF amplifier is an open-collector
configuration and requires a dc bias of 5 V. Use a bias choke inductor. See the IF Output—External
Inductor/Biasing section for more details.
EPAD
Exposed Pad. The exposed pad must be connected to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com