Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV4420ACPZ-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # ADMV4420ACPZ-R2
Description  K Band Downconverter with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4420ACPZ-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADMV4420ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 61 page
background image
ADMV4420
Data Sheet
Rev. A | Page 6 of 61
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLY VOLTAGE
VVPOS1_VCO, VVPOS2_PLL, VVPOS3_CP, VVPOS4_IF
4.75
5.00
5.25
V
TOTAL POWER CONSUMPTION
Active Mode
1900
mW
Sleep Mode
80
mW
All blocks powered down
EXTERNAL PLL REFERENCE
Frequency
50
MHz
Amplitude
0.3
2.5
V p-p
Single-ended input, high impedance
CRYSTAL REFERENCE
Crystal Frequency
50
MHz
Fundamental mode
Capacitance
10
pF
PHASE FREQUENCY DETECTOR (PFD)
FREQUENCY
50
MHz
Compare frequency
REFERENCE SPURS
−70
dBm
FREQUENCY SETTLING
400
μs
After frequency change programmed; within 50 kHz resolution
CLOSED-LOOP PHASE NOISE
LO frequency = 16.75 GHz to 21.15 GHz
−80
dBc/Hz
10 kHz offset
−85
dBc/Hz
100 kHz offset
−116
dBc/Hz
1 MHz offset
−125
dBc/Hz
10 MHz offset
LOGIC
(ENBL0, ENBL1, SDO, SDI, SCLK,
CS)
Logic Low
−0.3
0
+0.5
V
Logic High
1.2
3.3
3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com