Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV4420ACPZ-R2 Datasheet(PDF) 16 Page - Analog Devices

Part # ADMV4420ACPZ-R2
Description  K Band Downconverter with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4420ACPZ-R2 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADMV4420ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 19Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 61 page
background image
ADMV4420
Data Sheet
Rev. A | Page 16 of 61
IF = 1700 MHz, HIGH-SIDE INJECTION LO PERFORMANCE
The RF minimum frequency is limited at 16.95 GHz for optimum performance and the RF maximum frequency is limited at the
maximum LO frequency (21.15 GHz).
50
45
40
35
30
25
20
15
10
RF FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 40. Conversion Gain vs. RF Frequency at Various Temperatures
20
18
16
14
12
10
8
4
0
6
2
RF FREQUENCY (GHz)
+85°C
+25°C
–40°C
NO FILTERING APPLIED
Figure 41. Noise Figure vs. RF Frequency at Various Temperatures
16
14
12
10
8
6
4
2
0
RF FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 42. Output P1dB vs. RF Frequency at Various Temperatures
50
45
40
35
30
25
20
15
10
RF FREQUENCY (GHz)
5.25V
5.00V
4.75V
Figure 43. Conversion Gain vs. RF Frequency at Various Supply Voltages,
TA = 25°C
20
18
16
14
12
10
8
4
0
6
2
RF FREQUENCY (GHz)
5.25V
5.00V
4.75V
NO FILTERING APPLIED
Figure 44. Noise Figure vs. RF Frequency at Various Supply Voltages,
TA = 25°C
16
14
12
10
8
6
4
2
0
RF FREQUENCY (GHz)
5.25V
5.00V
4.75V
Figure 45. Output P1dB vs. RF Frequency at Various Supply Voltages,
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com