Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV4420ACPZ-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # ADMV4420ACPZ-R2
Description  K Band Downconverter with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4420ACPZ-R2 Datasheet(HTML) 5 Page - Analog Devices

  ADMV4420ACPZ-R2 Datasheet HTML 1Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 61 page
background image
Data Sheet
ADMV4420
Rev. A | Page 5 of 61
SPECIFICATIONS
The measurements are performed at TA = 25°C with 0 dBm external reference at 50 MHz when VVPOS1_VCO = VVPOS2_PLL = VVPOS3_CP =
VVPOS4_IF = 5 V, RF input power = −40 dBm, and PLL loop filter bandwidth = 60 kHz with 45° of phase margin, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
RF INPUT
Frequency Range
16.95
22.05
GHz
Input Return Loss
−8.5
dB
Input Impedance
50
Ω
Single-ended
LOCAL OSCILLATOR (LO) INTERNAL
FREQUENCY RANGE
16.35
21.15
GHz
VCO
Frequency Range
8.175
10.575
GHz
Tuning Sensitivity (kVCO)
50
MHz/V
Calculated with fVCO/VTUNE
VTUNE
0
3
V
IF OUTPUT
IF Frequency Range
900
2500
MHz
Conversion Gain
IF = 900 MHz
Low-Side Injection
LO = 16.75 GHz
31
35
dB
RF = 17.65 GHz
LO = 18.95 GHz
33
39
dB
RF = 19.85GHz
LO = 21.15 GHz
32
dB
RF = 22.05 GHz
High-Side Injection
LO = 17.85 GHz
28.5
33
dB
RF = 16.95 GHz
LO = 18.95 GHz
32.5
37
dB
RF = 18.05 GHz
LO = 21.15 GHz
29
40
dB
RF = 20.25 GHz
IF = 950 MHz
Low-Side Injection
LO = 16.35 GHz
29
32
dB
RF = 17.30 GHz
IF = 2500 MHz
Low-Side Injection
LO = 16.75 GHz
28.5
36
dB
RF = 19.25 GHz
LO = 17.95 GHz
38
dB
RF = 20.45 GHz
LO = 19.55 GHz
30
dB
RF = 22.05 GHz
High-Side Injection
LO = 19.45 GHz
27
31
dB
RF = 16.95 GHz
LO = 20.45 GHz
35
dB
RF = 17.95 GHz
LO = 21.15 GHz
37
dB
RF = 18.65 GHz
Output 1 dB Compression Point
(Output P1dB)
7
dBm
Output Third-Order Intercept
(Output IP3)
16
dBm
Noise Figure
7
dB
Single sideband with appropriate filtering
Gain Flatness
±1
dB
Across any 250 MHz bandwidth for an IF of 900 MHz to
2000 MHz
±2
dB
Across any 250 MHz bandwidth for an IF of 2000 MHz to
2500 MHz
Output Impedance
75
Ω
Single-ended
Output Return Loss
−6.5
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com