Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV4420ACPZ-R2 Datasheet(PDF) 60 Page - Analog Devices

Part # ADMV4420ACPZ-R2
Description  K Band Downconverter with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4420ACPZ-R2 Datasheet(HTML) 60 Page - Analog Devices

Back Button ADMV4420ACPZ-R2 Datasheet HTML 53Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 54Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 55Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 56Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 57Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 58Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 59Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 60Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 61Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 60 / 61 page
background image
ADMV4420
Data Sheet
Rev. A | Page 60 of 61
OUTLINE DIMENSIONS
0.50
0.40
0.30
1
0.50
BSC
TOP VIEW
TOP VIEW
32
9
16
17
24
25
8
0.05 MAX
0.02 NOM
0.20 REF
COPLANARITY
0.08
0.30
0.25
0.18
5.10
5.00 SQ
4.90
0.80
0.75
0.70
0.20 MIN
3.75
3.60 SQ
3.55
COMPLIANT TO JEDEC STANDARDS MO-220-WHHD-5
P IN 1
IN D IC AT O R AR E A OP T IO N S
(SEE DETAIL A)
DETAIL A
(JEDEC 95)
PIN 1
INDICATOR
AREA
SEATING
PLANE
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
EXPOSED
PAD
Figure 133. 32-Lead Lead Frame Chip Scale Package [LFCSP]
5 mm × 5 mm Body and 0.75 mm Package Height
(CP-32-12)
Dimensions shown in millimeters
NOTES:
1. MEASURED FROM THE CENTERLINE OF SPROCKET HOLE TO CENTERLINE OF THE
POCKET HOLE
2. 10 SPROCKET HOLE PITCH CUMUL ATIVE TOLERANCE IS ± 0.20
3. THICKNESS IS APPLICABLE AS MEASURED AT EDGE OF TAPE
4. BLACK POLYSTYRENE M ATERIAL
5. ALLOWABLE CAMBER TO BE 1 mm PER 100 mm IN LENGHT, NON-CUMULATIVE OVER 250 mm
6. MEASUREMENT POINT TO BE 0.3 mm FROM BOTTOM POCKET
7. SURFACE RESISTIVITY FROM
105 TO 1011
Ω/SQ
8. KO MEASUREMENT POINT SHOULD NOT BE REFERED ON POCKET RIDGE
(NOTE 2)
(NOTE 1)
(NOTE 1)
12.30
12.00
11.70
5.60
5.50
5.40
A
A
DIRECTION OF FEED
Ø 1.50 MIN
TOP VIEW
1.60
Ø 1.55
1.50
DETAIL A
2.05
2.00
1.95
4.10
4.00
3.90
1.85
1.75
1.65
8.00
0.50
0.40
0.30
DETAIL A
R 0.50
R 0.50
3° BSC
(NOTE 6)
SECTION A-A
(NOTE 8)
(NOTE 3)
0.35
0.30
0.25
5.40
5.30
5.20
1.35
1.25
1.15
Figure 134. 32-Lead Lead Frame Chip Scale Package [LFCSP] Tape and Reel Outline Dimensions
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature
Range
Moisture Sensitivity
Level (MSL) Rating2
Package Description
Package Option
ADMV4420ACPZ
−40°C to +85°C
MSL3
32-Lead Lead Frame Chip Scale Package [LFCSP]
CP-32-12
ADMV4420ACPZ-R2
−40°C to +85°C
MSL3
32-Lead Lead Frame Chip Scale Package [LFCSP]
CP-32-12
ADMV4420ACPZ-RL7
−40°C to +85°C
MSL3
32-Lead Lead Frame Chip Scale Package [LFCSP]
CP-32-12
ADMV4420-EVALZ
1
Z = RoHS Compliant Part.
2
See Table 2 and Figure 2 for the peak reflow temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com