Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV4420ACPZ-R2 Datasheet(PDF) 51 Page - Analog Devices

Part # ADMV4420ACPZ-R2
Description  K Band Downconverter with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4420ACPZ-R2 Datasheet(HTML) 51 Page - Analog Devices

Back Button ADMV4420ACPZ-R2 Datasheet HTML 47Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 48Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 49Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 50Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 51Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 52Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 53Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 54Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 61 page
background image
Data Sheet
ADMV4420
Rev. A | Page 51 of 61
ADDRESS 0x215, RESET: 0x00, NAME: VCO_BAND_SELECT
Manually Program med VCO Band
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] VCO_BAND_SELECT (R/W)
Table 33. VCO_BAND_SELECT Bit Descriptions
Bits
Bit Name
Description
Reset
Access
[7:0]
VCO_BAND_SELECT
Manually programmed VCO band
0x0
R/W
ADDRESS 0x216, RESET: 0x00, NAME: VCO_ALC_TIMEOUT
VCO ALC Timeout Divide
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:4] RESERVED
[3:0] VCO_ALC_TIMEOUT (R/W)
Table 34. VCO_ALC_TIMEOUT Bit Descriptions
Bits
Bit Name
Description
Reset
Access
[7:4]
RESERVED
Reserved
0x0
R
[3:0]
VCO_ALC_TIMEOUT
VCO ALC timeout divide
0x0
R/W
ADDRESS 0x217, RESET: 0x01, NAME: VCO_MANUAL
Manually Control VCO Bias
Manually Control VCO Core
10: Core#2.
01: Core#1.
0
1
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:6] RESERVED
[3:0] VCO_BIAS_ADJUST (R/W)
[5:4] VCO_CORE_SELECT (R/W)
Table 35. VCO_MANUAL Bit Descriptions
Bits
Bit Name
Description
Reset
Access
[7:6]
RESERVED
Reserved
0x0
R
[5:4]
VCO_CORE_SELECT
Manual control of VCO core
0x0
R/W
01: Core 1
10: Core 2
[3:0]
VCO_BIAS_ADJUST
Manual control of VCO bias
0x1
R/W
ADDRESS 0x219, RESET: 0x13, NAME: ALC
VCO ALC Enable
1: Enable.
0: Disable.
0
1
1
1
2
0
3
0
4
1
5
0
6
0
7
0
[7:5] RESERVED
[3:0] RESERVED
[4] EN_ALC (R/W)
Table 36. ALC Bit Descriptions
Bits
Bit Name
Description
Reset
Access
[7:5]
RESERVED
Reserved
0x0
R
4
EN_ACL
VCO ALC enable bit
0x1
R/W
0: Disable
1: Enable
[3:0]
RESERVED
Reserved
0x3
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com