Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV4420ACPZ-R2 Datasheet(PDF) 52 Page - Analog Devices

Part # ADMV4420ACPZ-R2
Description  K Band Downconverter with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4420ACPZ-R2 Datasheet(HTML) 52 Page - Analog Devices

Back Button ADMV4420ACPZ-R2 Datasheet HTML 48Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 49Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 50Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 51Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 52Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 53Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 54Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 55Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 61 page
background image
ADMV4420
Data Sheet
Rev. A | Page 52 of 61
ADDRESS 0x21C, RESET: 0x90, NAME: VCO_TIMEOUT1
Main VCO Calibration Tim eout
0
0
1
0
2
0
3
0
4
1
5
0
6
0
7
1
[7:0] VCO_TIMEOUT[7:0] (R/W)
Table 37. VCO_TIMEOUT1 Bit Descriptions
Bits
Bit Name
Description
Reset
Access
[7:0]
VCO_TIMEOUT[7:0]
Main VCO calibration timeout
0x90
R/W
ADDRESS 0x21D, RESET: 0x01, NAME: VCO_TIMEOUT2
Main VCO Calibration Tim eout
0
1
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:2] RESERVED
[1:0] VCO_TIMEOUT[9:8] (R/W)
Table 38. VCO_TIMEOUT2 Bit Descriptions
Bits
Bit Name
Description
Reset
Access
[7:2]
RESERVED
Reserved
0x0
R
[1:0]
VCO_TIMEOUT[9:8]
Main VCO calibration timeout
0x1
R/W
ADDRESS 0x21E, RESET: 0x4B, NAME: VCO_BAND_DIV
VCO Band Select Divide
0
1
1
1
2
0
3
1
4
0
5
0
6
1
7
0
[7:0] VCO_BAND_DIV (R/W)
Table 39. VCO_BAND_DIV Bit Descriptions
Bits
Bit Name
Description
Reset
Access
[7:0]
VCO_BAND_DIV
VCO band select divide
0x4B
R/W
ADDRESS 0x21F, RESET: 0x18, NAME: VCO_READBACK_SEL
VCO Read Back Select
101: Read Back Low (Zeros)
100: Read Back Core.
011: Read Back Bias Code.
001: Read Back Core & Band.
000:
Test)
Read Back Checkered Board (Functionality
0
0
1
0
2
0
3
1
4
1
5
0
6
0
7
0
[7:3] RESERVED
[2:0] VCO_READBACK_SEL (R/W)
Table 40. VCO_READBACK_SEL Bit Descriptions
Bits
Bit Name
Description
Reset
Access
[7:3]
RESERVED
Reserved
0x3
R
[2:0]
VCO_READBACK_SEL
VCO read back select
0x0
R/W
000: Read back checkered board (functionality test)
001: Read back core and band
011: Read back bias code
100: Read back core
101: Read back low (zeros)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com