Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV4420ACPZ-R2 Datasheet(PDF) 48 Page - Analog Devices

Part # ADMV4420ACPZ-R2
Description  K Band Downconverter with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4420ACPZ-R2 Datasheet(HTML) 48 Page - Analog Devices

Back Button ADMV4420ACPZ-R2 Datasheet HTML 44Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 45Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 46Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 47Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 48Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 49Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 50Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 51Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 61 page
background image
ADMV4420
Data Sheet
Rev. A | Page 48 of 61
ADDRESS 0x20C, RESET: 0x01, NAME: R_DIV_L
R-Divider Word (10-Bit)
0
1
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] R_DIV[7:0] (R/W)
Table 26. R_DIV_L Bit Descriptions
Bits
Bit Name
Description
Reset
Access
[7:0]
R_DIV[7:0]
R divider word (10-bit)
0x1
R/W
ADDRESS 0x20D, RESET: 0x00, NAME: R_DIV_H
R-Divider Word (10-Bit)
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:2] RESERVED
[1:0] R_DIV[9:8] (R/W)
Table 27. R_DIV_H Bit Descriptions
Bits
Bit Name
Description
Reset
Access
[7:2]
RESERVED
Reserved
0x0
R
[1:0]
R_DIV[9:8]
R divider word (10-bit)
0x0
R/W
ADDRESS 0x20E, RESET: 0x00, NAME: REFERENCE
Reference Divide by 2
1: Reference Divide by 2 Enabled.
0: Reference Divide by 2 Dis abled.
Reference Doubler Enable
1: Enable.
0: Dis able.
Reference Input Mode
1: Single-Ended Mode.
0: XTAL Os cillator Mode.
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:3] RESERVED
[0] RDIV2_SEL (R/W)
[2] EN_REF_X2 (R/W)
[1] REF_IN_MODE (R/W)
Table 28. REFERENCE Bit Descriptions
Bits
Bit Name
Description
Reset
Access
[7:3]
RESERVED
Reserved
0x0
R
2
EN_REF_X2
Reference doubler enable bit
0x0
R/W
0: Disable
1: Enable
1
REF_IN_MODE
Reference input mode bit
0x0
R/W
0: Crystal (XTAL) oscillator mode
1: Single-ended mode
0
RDIV2_SEL
Reference divide by 2 bit
0x0
R/W
0: Reference divide by 2 disabled
1: Reference divide by 2 enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com