Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV4420ACPZ-R2 Datasheet(PDF) 44 Page - Analog Devices

Part # ADMV4420ACPZ-R2
Description  K Band Downconverter with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4420ACPZ-R2 Datasheet(HTML) 44 Page - Analog Devices

Back Button ADMV4420ACPZ-R2 Datasheet HTML 40Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 41Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 42Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 43Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 44Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 45Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 46Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 47Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 61 page
background image
ADMV4420
Data Sheet
Rev. A | Page 44 of 61
ADDRESS 0x003, RESET: 0x01, NAME: CHIPTYPE
Chip Type (Read Only)
0
1
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] CHIPTYPE (R)
Table 11. CHIPTYPE Bit Descriptions
Bits
Bit Name
Description
Reset
Access
[7:0]
CHIPTYPE
Chip type bits, read only.
0x01
R
ADDRESS 0x004, RESET: 0x03, NAME: PRODUCT_ID_L
Product_ID_L, Lower 8 Bits
0
1
1
1
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] PRODUCT_ID_L (R)
Table 12. PRODUCT_ID_L Bit Descriptions
Bits
Bit Name
Description
Reset
Access
[7:0]
PRODUCT_ID_L
PRODUCT_ID_L bits, lower 8 bits.
0x03
R
ADDRESS 0x005, RESET: 0x00, NAME: PRODUCT_ID_H
Product_ID_H, Higher 8 Bits
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] PRODUCT_ID_H (R)
Table 13. PRODUCT_ID_H Bit Descriptions
Bits
Bit Name
Description
Reset
Access
[7:0]
PRODUCT_ID_H
PRODUCT_ID_H bits, higher 8 bits.
0x00
R
ADDRESS 0x00A, RESET: 0x00, NAME: SCRATCHPAD
ScratchPad
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] SCRATCHPAD (R/W)
Table 14. SCRATCHPAD Bit Descriptions
Bits
Bit Name
Description
Reset
Access
[7:0]
SCRATCHPAD
Scratch pad bits
0x00
R/W
ADDRESS 0x00B, RESET: 0x00, NAME: SPI_REV
SPI Regis ter Map Revis ion
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] SPI_REV (R)
Table 15. SPI_REV Bit Descriptions
Bits
Bit Name
Description
Reset
Access
[7:0]
SPI_REV
SPI register map revision bits
0x00
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com