Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV4420ACPZ-R2 Datasheet(PDF) 3 Page - Analog Devices

Part # ADMV4420ACPZ-R2
Description  K Band Downconverter with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4420ACPZ-R2 Datasheet(HTML) 3 Page - Analog Devices

  ADMV4420ACPZ-R2 Datasheet HTML 1Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 61 page
background image
Data Sheet
ADMV4420
Rev. A | Page 3 of 61
Address 0x226, Reset: 0x02, Name: AUTOCAL.....................53
Address 0x22C, Reset: 0x07, Name: CP_STATE ....................54
Address 0x22D, Reset: 0x01, Name: CP_BLEED_EN............54
Address 0x22E, Reset: 0x03, Name: CP_CURRENT .............54
Address 0x22F, Reset: 0x0C, Name: CP_BLEED....................54
Applications Information...............................................................55
Evaluation Board.........................................................................55
Outline Dimensions........................................................................60
Ordering Guide ...........................................................................60
REVISION HISTORY
4/2019—Rev. 0 to Rev. A
Change to Features Section..............................................................1
Changes to Local Oscillator (LO) Internal Frequency Range
Parameter, VCO Frequency Range Parameter, and Conversion
Gain Parameter, Table 1....................................................................5
Changes to IF = 900 MHz, Low-Side Injection LO Performance
Section ..............................................................................................10
Changes to IF = 1700 MHz, Low-Side Injection LO
Performance Section.......................................................................14
Changes to IF = 2500 MHz, Low-Side Injection LO
Performance Section.......................................................................18
10/2018—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com