Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV4420ACPZ-R2 Datasheet(PDF) 34 Page - Analog Devices

Part # ADMV4420ACPZ-R2
Description  K Band Downconverter with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4420ACPZ-R2 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADMV4420ACPZ-R2 Datasheet HTML 30Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 31Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 32Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 33Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 34Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 35Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 36Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 37Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 61 page
background image
ADMV4420
Data Sheet
Rev. A | Page 34 of 61
PHASE NOISE PERFORMANCE
–40
–50
–60
–70
–80
–90
–100
–120
–110
–130
–140
+85°C
+25°C
–40°C
10
100
10M
100k
1M
10k
1k
OFFSET FREQUENCY (Hz)
Figure 112. Closed-Loop Phase Noise vs. Offset Frequency at Various
Temperatures, IF = 900 MHz, Low-Side Injection LO = 18.95 GHz
10
100
10M
100k
1M
10k
1k
–40
–50
–60
–70
–80
–90
–100
–120
–110
–130
–140
+85°C
+25°C
–40°C
OFFSET FREQUENCY (Hz)
Figure 113. Closed-Loop Phase Noise vs. Offset Frequency at Various
Temperatures, IF = 900 MHz, High-Side Injection LO = 18.95 GHz
10
100
10M
100k
1M
10k
1k
–40
–50
–60
–70
–80
–90
–100
–120
–110
–130
–140
LO = 16.75GHz LOW-SIDE INJECTION
LO = 18.95GHz HIGH-SIDE INJECTION
LO = 18.95GHz LOW-SIDE INJECTION
LO = 21.15GHz HIGH-SIDE INJECTION
OFFSET FREQUENCY (Hz)
Figure 114. Closed-Loop Phase Noise vs. Offset Frequency at Various LO
Frequencies, TA = 25°C GHz
0
–40
–60
–20
–80
–100
–120
–140
8375MHz
8805MHz
9270MHz
9720MHz
10570MHz
10740MHz
100
10M
100k
1M
10k
1k
OFFSET FREQUENCY (Hz)
Figure 115. Free Running Phase Noise vs. Offset Frequency at Various
VCO Frequencies, TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com