Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV4420ACPZ-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # ADMV4420ACPZ-R2
Description  K Band Downconverter with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4420ACPZ-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADMV4420ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 61 page
background image
Data Sheet
ADMV4420
Rev. A | Page 11 of 61
30
28
26
24
22
20
18
14
10
16
12
RF FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 20. Output IP3 vs. RF Frequency at Various Temperatures
16
14
12
10
8
6
4
2
0
RF FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 21. Output P1dB vs. RF Frequency at Various Supply Voltages,
TA = 25°C
30
28
26
24
22
20
18
14
10
16
12
RF FREQUENCY (GHz)
5.25V
5.00V
4.75V
Figure 22. Output IP3 vs. RF Frequency at Various Supply Voltages,
TA = 25°C
16
14
12
10
8
6
4
2
0
RF FREQUENCY (GHz)
5.25V
5.00V
4.75V
Figure 23. Output P1dB vs. RF Frequency at Various Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com