Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV4420ACPZ-R2 Datasheet(PDF) 36 Page - Analog Devices

Part # ADMV4420ACPZ-R2
Description  K Band Downconverter with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4420ACPZ-R2 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADMV4420ACPZ-R2 Datasheet HTML 32Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 33Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 34Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 35Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 36Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 37Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 38Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 39Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 61 page
background image
ADMV4420
Data Sheet
Rev. A | Page 36 of 61
SPURIOUS AND HARMONICS PERFORMANCE
LO Harmonics
All values are in dBm and are measured at the IF output. Trace
and connector losses are de-embedded.
Table 5. LO Harmonics at IF Output
LO Harmonics (dBm)
LO Frequency (GHz)
0.25
0.5
1
1.5
2
16.75
−110
−49
−58
−71
−66
18.95
−113
−41
−45
−63
−62
21.15
−111
−34
−58
−85
−69
Reference Input (REFIN) Harmonics
All values are in dBm and measured at the IF output. Trace and
connector losses are de-embedded. Reference frequency is at
50 MHz.
Table 6. REFIN Harmonics at the IF Output
REFIN
Frequency
(MHz)
REFIN Harmonics (dBm)
1
2
3
4
5
6
7
8
50
−78
−46
−60
−47
−57
−56
−61
−59
IF Harmonics
All values are in dBm and are measured at the IF output. Trace
and connector losses are de-embedded. The downconverted IF
frequency is at 900 MHz.
Table 7. IF Harmonics at the IF Output
IF Harmonics (dBm)
IF Frequency (MHz)
1
2
3
4
5
900
−7
−42
−58
−89
−90
Downconverter Spurious Outputs
Mixer spurious products are measured in dBc from the IF
output power level, unless otherwise specified. Trace and
connector losses are de-embedded. N/A means not applicable.
RF = 19.85 GHz, LO = 18.95 GHz, IF = 0.9 GHz, RF power =
−40 dBm. Spur frequencies are the absolute value of (M × RF) +
(N × LO/2)
N × LO
0
1
2
3
4
M × RF
−2
−95
−99
−101
−91
−37
−1
−78
−77
0
−81
−90
0
N/A
−46
−50
−65
−56
+1
−78
−98
−80
−88
N/A
+2
−95
−88
N/A
N/A
N/A
RF = 18.05 GHz, LO = 18.95 GHz, IF = 0.9 GHz, RF power =
−40 dBm. Spur frequencies are the absolute value of (M × RF) +
(N × LO/2).
N × LO
0
1
2
3
4
M × RF
−2
−77
−70
0
−82
−87
−1
−95
−98
−103
−96
−41
0
N/A
−45
−49
−64
−55
+1
−77
−98
−93
−89
N/A
+2
−95
−89
N/A
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com