Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV4420ACPZ-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # ADMV4420ACPZ-R2
Description  K Band Downconverter with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4420ACPZ-R2 Datasheet(HTML) 4 Page - Analog Devices

  ADMV4420ACPZ-R2 Datasheet HTML 1Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 61 page
background image
ADMV4420
Data Sheet
Rev. A | Page 4 of 61
FUNCTIONAL BLOCK DIAGRAM
THIRD-ORDER
FRACTIONAL
INTERPOLATOR
×2
N COUNTER
3.3V
PLL
LDO
3.3V
VCO
LDO
1.8V
SDM
LDO
13
14
16
15
10
9
8
7
5
6
2
1
3
4
11
12
17
22
21
28
30
31
32
29
27
25
26
23
24
20
19
18
MODULUS
16.75GHz TO 21.15GHz
8.375GHz TO 10.575GHz
FRACTION
REGISTER
SPI/
LOGIC
PLL LOOP FILTER
CPOUT
GND
VPOS3_CP
ENBL1
ENBL0
GND
GND
SDO
GND
GND
GND
RFIN
GND
GND
DECL1_VCO1
DECL2_VCO2
PHASE
FREQUENCY
DETECTOR
CHARGE
PUMP
BLEED
CURRENT
CALIBRATION
SWITCH
INTEGER
REGISTER
VCO
VCO
ADMV4420
÷1 OR ÷2
REFERENCE
DIVIDER
÷1
REFERENCE
DIVIDE-BY-2
×1 OR ×2
REFERENCE
DOUBLER
Figure 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com